Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS244 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS244
Description  SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS244 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HCS244 Datasheet HTML 5Page - Texas Instruments SN74HCS244 Datasheet HTML 6Page - Texas Instruments SN74HCS244 Datasheet HTML 7Page - Texas Instruments SN74HCS244 Datasheet HTML 8Page - Texas Instruments SN74HCS244 Datasheet HTML 9Page - Texas Instruments SN74HCS244 Datasheet HTML 10Page - Texas Instruments SN74HCS244 Datasheet HTML 11Page - Texas Instruments SN74HCS244 Datasheet HTML 12Page - Texas Instruments SN74HCS244 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Unused 3-state CMOS outputs should be left disconnected.
8.3.2 Balanced CMOS Push-Pull Outputs
This device includes balanced CMOS push-pull outputs. The term balanced indicates that the device can sink
and source similar currents. The drive capability of this device may create fast edges into light loads so routing
and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable
of driving larger currents than the device can sustain without being damaged. It is important for the output power
of the device to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the
Absolute Maximum Ratings must be followed at all times.
Unused push-pull CMOS outputs should be left disconnected.
8.3.3 Open-Drain CMOS Outputs
This device includes open-drain CMOS outputs. Open-drain outputs can only drive the output low. When in
the high logical state, open-drain outputs will be in a high-impedance state. The drive capability of this device
may create fast edges into light loads, so routing and load conditions should be considered to prevent ringing.
Additionally, the outputs of this device are capable of driving larger currents than the device can sustain without
being damaged. It is important for the output power of the device to be limited to avoid damage due to
overcurrent. The electrical and thermal limits defined in the Absolute Maximum Ratings must be followed at all
times.
When placed into the high-impedance state, the output will neither source nor sink current, with the exception of
minor leakage current as defined in the Electrical Characteristics table. In the high-impedance state, the output
voltage is not controlled by the device and is dependent on external factors. If no other drivers are connected to
the node, then this is known as a floating node and the voltage is unknown. A pull-up resistor can be connected
to the output to provide a known voltage at the output while it is in the high-impedance state. The value of
the resistor will depend on multiple factors, including parasitic capacitance and power consumption limitations.
Typically, a 10 kΩ resistor can be used to meet these requirements.
Unused open-drain CMOS outputs should be left disconnected.
8.3.4 CMOS Schmitt-Trigger Inputs
This device includes inputs with the Schmitt-trigger architecture. These inputs are high impedance and are
typically modeled as a resistor in parallel with the input capacitance given in the Electrical Characteristics table
from the input to ground. The worst case resistance is calculated with the maximum input voltage, given in the
Absolute Maximum Ratings table, and the maximum input leakage current, given in the Electrical Characteristics
table, using Ohm's law (R = V ÷ I).
The Schmitt-trigger input architecture provides hysteresis as defined by ΔVT in the Electrical Characteristics
table, which makes this device extremely tolerant to slow or noisy inputs. While the inputs can be driven much
slower than standard CMOS inputs, it is still recommended to properly terminate unused inputs. Driving the
inputs with slow transitioning signals will increase dynamic current consumption of the device. For additional
information regarding Schmitt-trigger inputs, please see Understanding Schmitt Triggers.
8.3.5 TTL-Compatible CMOS Inputs
This device includes TTL-compatible CMOS inputs. These inputs are specifically designed to interface with TTL
logic devices by having a reduced input voltage threshold.
TTL-compatible CMOS inputs are high impedance and are typically modeled as a resistor in parallel with
the input capacitance given in the Electrical Characteristics. The worst case resistance is calculated with the
maximum input voltage, given in the Absolute Maximum Ratings, and the maximum input leakage current, given
in the Electrical Characteristics, using Ohm's law (R = V ÷ I).
TTL-compatible CMOS inputs require that input signals transition between valid logic states quickly, as defined
by the input transition time or rate in the Recommended Operating Conditions table. Failing to meet this
specification will result in excessive power consumption and could cause oscillations. More details can be found
in the Implications of Slow or Floating CMOS Inputs application report.
www.ti.com
SN74HCS244
SCLS873B – JULY 2021 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN74HCS244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com