Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS244 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS244
Description  SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS244 Datasheet(HTML) 5 Page - Texas Instruments

  SN74HCS244 Datasheet HTML 1Page - Texas Instruments SN74HCS244 Datasheet HTML 2Page - Texas Instruments SN74HCS244 Datasheet HTML 3Page - Texas Instruments SN74HCS244 Datasheet HTML 4Page - Texas Instruments SN74HCS244 Datasheet HTML 5Page - Texas Instruments SN74HCS244 Datasheet HTML 6Page - Texas Instruments SN74HCS244 Datasheet HTML 7Page - Texas Instruments SN74HCS244 Datasheet HTML 8Page - Texas Instruments SN74HCS244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
6.5 Electrical Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
VT+
Positive switching threshold
2 V
0.7
1.5
V
4.5 V
1.7
3.15
6 V
2.1
4.2
VT-
Negative switching threshold
2 V
0.3
1
V
4.5 V
0.9
2.2
6 V
1.2
3
ΔVT
Hysteresis (VT+ - VT-)
2 V
0.2
1
V
4.5 V
0.4
1.4
6 V
0.6
1.6
VOH
High-level output voltage
VI = VIH or VIL
IOH = −20 µA
2 V to 6 V
VCC – 0.1
VCC – 0.002
V
IOH = −6 mA
4.5 V
4
4.3
IOH = −7.8 mA
6 V
5.4
5.75
VOL
Low-level output voltage
VI = VIH or VIL
IOL = 20 µA
2 V to 6 V
0.002
0.1
V
IOL = 6 mA
4.5 V
0.18
0.3
IOL = 7.8 mA
6 V
0.22
0.33
II
Input leakage current
VI = VCC or 0
6 V
±100
±1000
nA
IOZ
Off-state (high-impedance
state) output current
VO = VCC or 0
6 V
±0.01
±2
µA
ICC
Supply current
VI = VCC or 0, IO = 0
6 V
0.1
2
µA
Ci
Input capacitance
2 V to 6 V
5
pF
6.6 Switching Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted). See Parameter
Measurment Information. CL = 50 pF.
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
MIN
TYP
MAX
UNIT
tpd
Propagation delay
A
Y
2 V
13
45
ns
4.5 V
7
18
6 V
6
16
ten
Enable time
OE
Y
2 V
15
44
ns
4.5 V
7
22
6 V
6
18
tdis
Disable time
OE
Y
2 V
12
30
ns
4.5 V
9
20
6 V
8
19
tt
Transition-time
Any
2 V
9
16
ns
4.5 V
5
9
6 V
4
8
6.7 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cpd
Power dissipation capacitance per gate
No load
20
pF
www.ti.com
SN74HCS244
SCLS873B – JULY 2021 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74HCS244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com