Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments OPA992 Datasheet HTML 16Page - Texas Instruments OPA992 Datasheet HTML 17Page - Texas Instruments OPA992 Datasheet HTML 18Page - Texas Instruments OPA992 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ (unless otherwise noted)
Capacitive Load (pF)
0
80
160
240
320
400
480
560
0
10
20
30
40
50
60
70
D029
RISO = 0:, Overshoot (+)
RISO = 0:, Overshoot (-)
RISO = 50:, Overshoot (+)
RISO = 50:, Overshoot (-)
20-mVpp output step, G = –1
Figure 6-31. Small-Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
0
80
160
240
320
400
480
560
0
10
20
30
40
50
60
70
D030
RISO = 0:, Overshoot (+)
RISO = 0:, Overshoot (-)
RISO = 50:, Overshoot (+)
RISO = 50:, Overshoot (-)
20-mVpp output step, G = +1
Figure 6-32. Small-Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
0
20
40
60
80
100 120 140 160 180 200 220
20
25
30
35
40
45
50
55
60
65
70
D004
G = +1
Figure 6-33. Phase Margin vs Capacitive Load
Time (25µs/div)
D031
Input
Output
VIN = ±10 Vpp; VS = VOUT = ±9.55 V
Figure 6-34. No Phase Reversal
Time (100ns/div)
D032
Input
Output
G = –10
Figure 6-35. Positive Overload Recovery
Time (100ns/div)
D053
Input
Output
G = –10
Figure 6-36. Negative Overload Recovery
www.ti.com
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9D – AUGUST 2022 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com