Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 15Page - Texas Instruments OPA992 Datasheet HTML 16Page - Texas Instruments OPA992 Datasheet HTML 17Page - Texas Instruments OPA992 Datasheet HTML 18Page - Texas Instruments OPA992 Datasheet HTML 19Page - Texas Instruments OPA992 Datasheet HTML 20Page - Texas Instruments OPA992 Datasheet HTML 21Page - Texas Instruments OPA992 Datasheet HTML 22Page - Texas Instruments OPA992 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
7.3 Feature Description
7.3.1 Input Protection Circuitry
The OPAx992-Q1 uses a special input architecture to eliminate the requirement for input protection diodes
but still provides robust input protection under transient conditions. Figure 7-1 shows conventional input diode
protection schemes that are activated by fast transient step responses and introduce signal distortion and
settling time delays because of alternate current paths, as shown in Figure 7-2. For low-gain circuits, these
fast-ramping input signals forward-bias back-to-back diodes, causing an increase in input current and resulting in
extended settling time.
OPAx992-Q1
40 V
~0.7 V
VOUT
V+
V
Conventional Input Protection
Limits Differential Input Range
OPAx992-Q1 Provides Full 40-V
Differential Input Range
VIN+
VIN
VOUT
V+
V
VIN+
VIN
Figure 7-1. OPAx992-Q1 Input Protection Does Not Limit Differential Input Capability
Input Low-Pass Filter
Ron_mux
CS
CS
CD
Sn
Sn+1
D
Simplified Mux Model
RFILT
RFILT
CFILT
CFILT
Vn = 10 V
Vn+1 = ±10 V
10 V
±10 V
Buffer Amplifier
1
2
Idiode_transient
10 V
~±9.3 V
1
VIN+
VIN±
~0.7 V
VOUT
2
±10 V
Ron_mux
Figure 7-2. Back-to-Back Diodes Create Settling Issues
The OPAx992-Q1 family of operational amplifiers provides a true high-impedance differential input capability
for high-voltage applications using a patented input protection architecture that does not introduce additional
signal distortion or delayed settling time, making the device an excellent op amp for multichannel, high-switched,
input applications. The OPAx992-Q1 tolerates a maximum differential swing (voltage between inverting and
non-inverting pins of the op amp) of up to 40 V, making the device designed for use as a comparator or in
applications with fast-ramping input signals such as data-acquisition systems; see the TI TechNote MUX-Friendly
Precision Operational Amplifiers for more information.
www.ti.com
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9D – AUGUST 2022 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com