Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 22Page - Texas Instruments OPA992 Datasheet HTML 23Page - Texas Instruments OPA992 Datasheet HTML 24Page - Texas Instruments OPA992 Datasheet HTML 25Page - Texas Instruments OPA992 Datasheet HTML 26Page - Texas Instruments OPA992 Datasheet HTML 27Page - Texas Instruments OPA992 Datasheet HTML 28Page - Texas Instruments OPA992 Datasheet HTML 29Page - Texas Instruments OPA992 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
This chart can be used to calculate approximate probability of a specification in a unit; for example, for
OPAx992-Q1, the typical input voltage offset is 210 µV. So 68.2% of all OPAx992-Q1 devices are expected
to have an offset from –210 µV to +210 µV. At 4 σ (±840 µV), 99.9937% of the distribution has an offset voltage
less than ±840 µV, which means 0.0063% of the population is outside of these limits, which corresponds to
about 1 in 15,873 units.
Specifications with a value in the minimum or maximum column are specified by TI, and units outside these
limits are removed from production material. For example, the OPAx992-Q1 family has a maximum offset
voltage of 1 mV at 25°C, and even though this corresponds to slightly less than 5 σ (
≅1 in 1.7 million units),
which is extremely unlikely, TI maintains that any unit with larger offset than 1 mV is removed from production
material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guardband for the application, and design worst-case conditions using this value. For example, the 6-σ
value corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and can be an option as
a wide guardband to design a system around. In this case, the OPAx992-Q1 family does not have a maximum
or minimum for offset voltage drift. But based on the typical value of 0.25 µV/°C in the Section 6.7 table, the
6-σ value for offset voltage drift is about 1.5 µV/°C when calculated. When designing for worst-case system
conditions, this value can be used to estimate the worst possible offset across temperature without having an
actual minimum or maximum value.
Note that process variation and adjustments over time can shift typical means and standard deviations, and
unless there is a value in the minimum or maximum specification column, TI cannot verify the performance of a
device. This information must be used only to estimate the performance of a device.
7.4 Device Functional Modes
The OPAx992-Q1 has a single functional mode and is operational when the power-supply voltage is greater than
or equal to 2.7 V (±1.35 V). The maximum power supply voltage for the OPAx992-Q1 is 40 V (±20 V).
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9D – AUGUST 2022 – REVISED APRIL 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com