Electronic Components Datasheet Search
  English  ▼

X  

THS3115 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # THS3115
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3115 Datasheet(HTML) 42 Page - Texas Instruments

Back Button THS3115 Datasheet HTML 38Page - Texas Instruments THS3115 Datasheet HTML 39Page - Texas Instruments THS3115 Datasheet HTML 40Page - Texas Instruments THS3115 Datasheet HTML 41Page - Texas Instruments THS3115 Datasheet HTML 42Page - Texas Instruments THS3115 Datasheet HTML 43Page - Texas Instruments THS3115 Datasheet HTML 44Page - Texas Instruments THS3115 Datasheet HTML 45Page - Texas Instruments THS3115 Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
8X (1.55)
8X (0.6)
(5.4)
6X (1.27)
(R0.05) TYP
(2.287)
(2.287)
BASED ON
0.127 THICK
STENCIL
4218820/A 12/2022
PowerPAD
SOIC - 1.7 mm max height
DDA0008D
PLASTIC SMALL OUTLINE
1.933 X 1.933
0.175
2.088 X 2.088
0.150
2.287 X 2.287 (SHOWN)
0.125
2.557 X 2.557
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
NOTES: (continued)
10. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
11. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:10X
SYMM
SYMM
1
4
5
8
BASED ON
0.125 THICK
STENCIL
BY SOLDER MASK
METAL COVERED
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com