Electronic Components Datasheet Search
  English  ▼

X  

THS3115 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS3115
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3115 Datasheet(HTML) 2 Page - Texas Instruments

  THS3115 Datasheet HTML 1Page - Texas Instruments THS3115 Datasheet HTML 2Page - Texas Instruments THS3115 Datasheet HTML 3Page - Texas Instruments THS3115 Datasheet HTML 4Page - Texas Instruments THS3115 Datasheet HTML 5Page - Texas Instruments THS3115 Datasheet HTML 6Page - Texas Instruments THS3115 Datasheet HTML 7Page - Texas Instruments THS3115 Datasheet HTML 8Page - Texas Instruments THS3115 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................4
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................5
7.5 Electrical Characteristics: VS = ±15 V.........................6
7.6 Electrical Characteristics: VS = ±5 V...........................8
7.7 Typical Characteristics: ±15 V...................................10
7.8 Typical Characteristics: ±5 V.....................................16
8 Detailed Description......................................................18
8.1 Overview................................................................... 18
8.2 Functional Block Diagram......................................... 18
8.3 Feature Description...................................................18
8.4 Device Functional Modes..........................................20
9 Application and Implementation.................................. 21
9.1 Application Information............................................. 21
9.2 Typical Application.................................................... 21
9.3 Power Supply Recommendations.............................23
9.4 Layout....................................................................... 24
10 Device and Documentation Support..........................29
10.1 Device Support....................................................... 29
10.2 Documentation Support.......................................... 29
10.3 Receiving Notification of Documentation Updates..29
10.4 Support Resources................................................. 29
10.5 Trademarks.............................................................29
10.6 Electrostatic Discharge Caution..............................29
10.7 Glossary..................................................................29
11 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (February 2023) to Revision K (April 2023)
Page
• Changed THS3091 DGN package status from preview to production data (active) and added associated
content................................................................................................................................................................ 1
• Changed voltage step from 10 V to 20 V for slew rate parameter in Electrical Characteristics: VS = ± 15 V
table.................................................................................................................................................................... 6
• Added Functional Block Diagram section......................................................................................................... 18
Changes from Revision I (December 2022) to Revision J (February 2023)
Page
• Updated Features section.................................................................................................................................. 1
• Updated Description section...............................................................................................................................1
• Updated the Device Comparison Table section..................................................................................................4
• Removed D package information from the data sheet....................................................................................... 4
• Removed continuous power dissipation specification from Absolute Maximum Ratings table ..........................5
• Updated ESD Ratings table................................................................................................................................5
• Updated Thermal Information table.................................................................................................................... 5
• Changed Electrical Characteristics THS3091 table to Electrical Characteristics: VS = ±15 V ........................... 6
• Updated small signal bandwidth, -3 dB specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Added small signal bandwidth, -3 dB specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables at G=1 for DGN package............................................................................... 6
• Removed slew rate (25% to 75% level) specifications from Electrical Characteristics: VS = ±15 V
and Electrical Characteristics: VS = ±5 V tables................................................................................................. 6
• Added slew rate (10% to 90% level) specifications to Electrical Characteristics:VS = ±15 V and Electrical
Characteristics:VS = ±5 V tables ........................................................................................................................6
• Updated rise and fall time specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Updated settling time specifications in Electrical Characteristics: VS = ±15 V and Electrical Characteristics:
VS = ±5 V tables..................................................................................................................................................6
• Updated distortion specifications in Electrical Characteristics: VS = ±15 V and Electrical Characteristics:
VS = ±5 V tables..................................................................................................................................................6
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com