Electronic Components Datasheet Search
  English  ▼

X  

THS3115 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS3115
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3115 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS3115 Datasheet HTML 5Page - Texas Instruments THS3115 Datasheet HTML 6Page - Texas Instruments THS3115 Datasheet HTML 7Page - Texas Instruments THS3115 Datasheet HTML 8Page - Texas Instruments THS3115 Datasheet HTML 9Page - Texas Instruments THS3115 Datasheet HTML 10Page - Texas Instruments THS3115 Datasheet HTML 11Page - Texas Instruments THS3115 Datasheet HTML 12Page - Texas Instruments THS3115 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
7.6 Electrical Characteristics: VS = ±5 V (continued)
at TA ≅ 25°C, RF = 1.15 kΩ, RL = 100 Ω, and G = 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
Common-mode input range
TA = 25°C
±3.3
±3.6
V
TA= –40°C to +85°C
±3
Common-mode rejection ratio
VCM = ±2.0 V, VO = 0 V
TA = 25°C
60
66
dB
TA= –40°C to +85°C
57
Noninverting input resistance
0.45
MΩ
Noninverting input capacitance
2.6
pF
Inverting input resistance
32
Ω
Inverting input capacitance
1.5
pF
OUTPUT CHARACTERISTICS
Output voltage swing
RL = 1 kΩ
TA = 25°C
±3.1
±3.4
V
TA= –40°C to +85°C
±2.8
Output voltage swing
RL = 100 Ω
TA = 25°C
±2.7
±3.1
TA= –40°C to +85°C
±2.5
Output current
Sourcing, RL = 10 Ω
TA = 25°C
140
250
mA
TA= –40°C to +85°C
120
Sinking, RL = 10 Ω
TA = 25°C
–140
–250
TA= –40°C to +85°C
–120
Output impedance
f = 1 MHz, closed loop
0.09
Ω
POWER SUPPLY
Quiescent current
TA = 25°C
7
8.2
9
mA
TA= –40°C to +85°C
6.5
9.5
Power supply rejection
+PSRR
TA = 25°C
68
81
dB
TA= –40°C to +85°C
63
–PSRR
TA = 25°C
65
79
TA= –40°C to +85°C
60
POWER-DOWN CHARACTERISTICS (THS3095 ONLY)
REF voltage range((1))
VS–
VS+ – 4
V
Power-down voltage level(1)
Enable
PD ≥
REF+2
V
Disable
PD ≤
REF+0.8
Power-down quiescent current
PD = 0 V
TA = 25°C
300
500
μA
TA= –40°C to +85°C
600
PD bias current
PD = 0 V, REF = 0 V,
TA = 25°C
11
15
μA
TA–40°C to +85°C
20
PD = 3.3 V, REF = 0 V
TA = 25°C
11
15
TA= –40°C to +85°C
20
Turn-on time delay
90% of final value
60
μs
Turn-off time delay
10% of final value
150
μs
(1)
For detailed information on the behavior of the power-down circuit, see Section 8.3.1.
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com