Electronic Components Datasheet Search
  English  ▼

X  

TLV70130DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70130DBVT
Description  TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70130DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV70130DBVT Datasheet HTML 1Page - Texas Instruments TLV70130DBVT Datasheet HTML 2Page - Texas Instruments TLV70130DBVT Datasheet HTML 3Page - Texas Instruments TLV70130DBVT Datasheet HTML 4Page - Texas Instruments TLV70130DBVT Datasheet HTML 5Page - Texas Instruments TLV70130DBVT Datasheet HTML 6Page - Texas Instruments TLV70130DBVT Datasheet HTML 7Page - Texas Instruments TLV70130DBVT Datasheet HTML 8Page - Texas Instruments TLV70130DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
5 Pin Configuration and Functions
1
OUT
2
GND
3
IN
4
NC
5
NC
Not to scale
Figure 5-1. DBV Package, 5-Pin SOT-23 (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBV
OUT
1
O
Output of the regulator. A capacitor with a value of 1 µF or larger is required from this
pin to ground.(1) See the Input and Output Capacitor Requirements section for more
information.
GND
2
—
Ground pin.
IN
3
I
Input supply pin. A capacitor with a value of 0.1 µF or larger is recommended from
this pin to ground. See the Input and Output Capacitor Requirements section for more
information.
NC
4, 5
—
Not internally connected. This pin can be left open or tied to ground for improved
thermal performance.
(1)
The nominal output capacitance must be greater than 0.47 µF. Throughout this document, the nominal derating on these capacitors is
50%. Make sure that the effective capacitance at the pin is greater than 0.47 µF.
www.ti.com
TLV701
SBVS161A – NOVEMBER 2011 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com