Electronic Components Datasheet Search
  English  ▼

X  

TLV70130DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70130DBVT
Description  TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70130DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV70130DBVT Datasheet HTML 10Page - Texas Instruments TLV70130DBVT Datasheet HTML 11Page - Texas Instruments TLV70130DBVT Datasheet HTML 12Page - Texas Instruments TLV70130DBVT Datasheet HTML 13Page - Texas Instruments TLV70130DBVT Datasheet HTML 14Page - Texas Instruments TLV70130DBVT Datasheet HTML 15Page - Texas Instruments TLV70130DBVT Datasheet HTML 16Page - Texas Instruments TLV70130DBVT Datasheet HTML 17Page - Texas Instruments TLV70130DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TLV701 LDO regulator is designed for battery-powered applications and is a good attachment to low-power
microcontrollers (such as the MSP430) because of the device low IQ performance across the entire load current
range. The ultra-low supply current of the TLV701 maximizes efficiency at light loads, and the high input voltage
range and flexibility of output voltage selection in fixed output levels makes the device applicable for supplies
such as unconditioned solar panels.
8.2 Typical Application
IN
OUT
TLV701xx
GND
V
IN
V
OUT
0.1μF
GND
1μF
MCU
Figure 8-1. Typical Application
8.2.1 Design Requirements
Select the desired device based on the output voltage.
Provide an input supply with adequate headroom to account for dropout and output current to account for the
GND pin current, and power the load.
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitor Requirements
The device is designed to be stable using low equivalent series resistance (ESR) ceramic capacitors at the input
and output. Multilayer ceramic capacitors have become the industry standard for these types of applications and
are recommended, but must be used with good judgment. Ceramic capacitors that employ X7R-, X5R-, and
C0G-rated dielectric materials provide relatively good capacitive stability across temperature, whereas the use of
Y5V-rated capacitors is discouraged because of large variations in capacitance.
Regardless of the ceramic capacitor type selected, the effective capacitance varies with operating voltage and
temperature. Generally, expect the effective capacitance to decrease by as much as 50%. The input and output
capacitors recommended in the Recommended Operating Conditions table account for an effective capacitance
of approximately 50% of the nominal value.
8.2.2.2 Input and Output Capacitor Requirements
Although an input capacitor is not required for stability, good analog design practice is to connect a capacitor
from IN to GND. This capacitor counteracts reactive input sources and improves transient response, input ripple,
and PSRR. Use an input capacitor if the source impedance is more than 0.5 Ω. A higher value capacitor can be
necessary if large, fast rise-time load or line transients are anticipated or if the device is located several inches
from the input power source.
Dynamic performance of the device is improved by using a large output capacitor. Use an output capacitor within
the range specified in the Recommended Operating Conditions table for stability.
TLV701
SBVS161A – NOVEMBER 2011 – REVISED APRIL 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com