Electronic Components Datasheet Search
  English  ▼

X  

TLV70130DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70130DBVT
Description  TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70130DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV70130DBVT Datasheet HTML 1Page - Texas Instruments TLV70130DBVT Datasheet HTML 2Page - Texas Instruments TLV70130DBVT Datasheet HTML 3Page - Texas Instruments TLV70130DBVT Datasheet HTML 4Page - Texas Instruments TLV70130DBVT Datasheet HTML 5Page - Texas Instruments TLV70130DBVT Datasheet HTML 6Page - Texas Instruments TLV70130DBVT Datasheet HTML 7Page - Texas Instruments TLV70130DBVT Datasheet HTML 8Page - Texas Instruments TLV70130DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
Voltage
VIN (for legacy chip only)
–0.3
24
V
VIN (for new chip only)
–0.3
30
Voltage
VOUT (for legacy chip only)
–0.3
5.0
V
Voltage
VOUT (for fixed output new chip only)
–0.3
2 × VOUT(typ)
or VIN + 0.3
or 5.5
(whichever is
lower)
V
Current
Peak output current
Internally limited
Temperature
Junction, TJ
–40
150
°C
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage
2.5
24
V
VOUT
Output voltage
1.205
5
V
IOUT
Output current
0
150
mA
CIN
Input capacitor(2)
0
0.047
µF
COUT
Output capacitor (for legacy chip only)
0.47
1
Output capacitor (for new chip only) (3)
1
TJ
Operating junction temperature
-40
125
°C
(1)
All voltages are with respect to GND.
(2)
An input capacitor is not required for LDO stability. However, an input capacitor with an effective value of 0.047 μF is
recommended to counteract the effect of source resistance and inductance, which may in some cases cause symptoms of system
level instability such as ringing or oscillation, especially in the presence of load transients.
(3)
All capacitor values are assumed to derate to 50% of the nominal capacitor value. Maintain an effective output capacitance of 0.47 μF
minimum for the stability.
TLV701
SBVS161A – NOVEMBER 2011 – REVISED APRIL 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com