Electronic Components Datasheet Search
  English  ▼

X  

TMUX6202 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX6202
Description  TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6202 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX6202 Datasheet HTML 14Page - Texas Instruments TMUX6202 Datasheet HTML 15Page - Texas Instruments TMUX6202 Datasheet HTML 16Page - Texas Instruments TMUX6202 Datasheet HTML 17Page - Texas Instruments TMUX6202 Datasheet HTML 18Page - Texas Instruments TMUX6202 Datasheet HTML 19Page - Texas Instruments TMUX6202 Datasheet HTML 20Page - Texas Instruments TMUX6202 Datasheet HTML 21Page - Texas Instruments TMUX6202 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
7.14 Typical Characteristics (continued)
at TA = 25°C
Temperature (
C)
-40
-15
10
35
60
85
110 125
90
100
110
120
130
140
150
160
TOFF
TON
VDD = 36 V, VSS = 0 V
Figure 7-19. TON and TOFF vs Temperature
Frequency(Hz)
-140
-120
-100
-80
-60
-40
-20
0
1M
10M
100M
100k
10k
1k
100
Figure 7-20. Off-Isolation vs Frequency
Frequency (Hz)
0.0001
0.0002
0.0003
0.0005
0.0007
0.001
0.002
0.003
0.005
0.007
0.01
20
1k
10k 20k
100
VDD = 15 V, VSS = -15 V
Figure 7-21. THD+N vs Frequency (Dual Supplies)
Frequency (Hz)
0.0001
0.0002
0.0003
0.0005
0.0007
0.001
0.002
0.003
0.005
0.007
0.01
20
1k
10k 20k
100
VDD = 12 V, VSS = 0 V
VDD = 36 V, VSS = 0 V
Figure 7-22. THD+N vs Frequency (Single Supplies)
Frequency(Hz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1M
10M
100M
100k
10k
VDD = 15 V, VSS = -15 V
Figure 7-23. On Response vs Frequency
VDD = +15 V, VSS = -15 V
Figure 7-24. ACPSRR vs Frequency
TMUX6201, TMUX6202
SCDS450A – NOVEMBER 2022 – REVISED MARCH 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX6201 TMUX6202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com