Electronic Components Datasheet Search
  English  ▼

X  

TMUX6202 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMUX6202
Description  TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6202 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX6202 Datasheet HTML 16Page - Texas Instruments TMUX6202 Datasheet HTML 17Page - Texas Instruments TMUX6202 Datasheet HTML 18Page - Texas Instruments TMUX6202 Datasheet HTML 19Page - Texas Instruments TMUX6202 Datasheet HTML 20Page - Texas Instruments TMUX6202 Datasheet HTML 21Page - Texas Instruments TMUX6202 Datasheet HTML 22Page - Texas Instruments TMUX6202 Datasheet HTML 23Page - Texas Instruments TMUX6202 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
8 Parameter Measurement Information
8.1 On-Resistance
The on-resistance of a device is the ohmic resistance between the source (Sx) and drain (Dx) pins of the
device. The on-resistance varies with input voltage and supply voltage. The symbol RON is used to denote
on-resistance. Figure 8-1 shows the measurement setup used to measure RON. Voltage (V) and current (ISD) are
measured using this setup, and RON is computed with RON = V / ISD.
V
D
V
S
I
SD
S
Figure 8-1. On-Resistance Measurement Setup
8.2 Off-Leakage Current
There are two types of leakage currents associated with a switch during the off state:
1. Source Off-Leakage current.
2. Drain Off-Leakage current.
Source leakage current is defined as the leakage current flowing into or out of the source pin when the switch is
off. This current is denoted by the symbol IS(OFF).
Drain leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is off.
This current is denoted by the symbol ID(OFF).
Figure 8-2 shows the setup used to measure both Off-Leakage currents.
S
GND
VS
D
VD
Is (OFF)
VDD
VSS
IS(OFF)
A
S
GND
VS
D
Is (OFF)
VDD
VSS
ID(OFF)
A
VD
Figure 8-2. Off-Leakage Measurement Setup
TMUX6201, TMUX6202
SCDS450A – NOVEMBER 2022 – REVISED MARCH 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX6201 TMUX6202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com