Electronic Components Datasheet Search
  English  ▼

X  

TMUX6202 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX6202
Description  TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6202 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX6202 Datasheet HTML 1Page - Texas Instruments TMUX6202 Datasheet HTML 2Page - Texas Instruments TMUX6202 Datasheet HTML 3Page - Texas Instruments TMUX6202 Datasheet HTML 4Page - Texas Instruments TMUX6202 Datasheet HTML 5Page - Texas Instruments TMUX6202 Datasheet HTML 6Page - Texas Instruments TMUX6202 Datasheet HTML 7Page - Texas Instruments TMUX6202 Datasheet HTML 8Page - Texas Instruments TMUX6202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Thermal Information....................................................6
7.4 Recommended Operating Conditions.........................6
7.5 Source or Drain Continuous Current...........................6
7.6 ±15 V Dual Supply: Electrical Characteristics ............7
7.7 ±15 V Dual Supply: Switching Characteristics ........... 8
7.8 36 V Single Supply: Electrical Characteristics ........... 9
7.9 36 V Single Supply: Switching Characteristics ........ 10
7.10 12 V Single Supply: Electrical Characteristics ....... 11
7.11 12 V Single Supply: Switching Characteristics .......12
7.12 ±5 V Dual Supply: Electrical Characteristics ..........13
7.13 ±5 V Dual Supply: Switching Characteristics ......... 14
7.14 Typical Characteristics............................................ 15
8 Parameter Measurement Information.......................... 20
8.1 On-Resistance.......................................................... 20
8.2 Off-Leakage Current................................................. 20
8.3 On-Leakage Current................................................. 21
8.4 tON and tOFF Time......................................................21
8.5 tON (VDD) Time............................................................22
8.6 Propagation Delay.................................................... 22
8.7 Charge Injection........................................................23
8.8 Off Isolation...............................................................23
8.9 Bandwidth................................................................. 24
8.10 THD + Noise........................................................... 24
8.11 Power Supply Rejection Ratio (PSRR)................... 25
9 Detailed Description......................................................25
9.1 Overview................................................................... 25
9.2 Functional Block Diagram......................................... 25
9.3 Feature Description...................................................26
9.4 Device Functional Modes..........................................28
9.5 Truth Tables.............................................................. 28
10 Application and Implementation................................ 29
10.1 Application Information........................................... 29
10.2 Typical Applications................................................ 29
10.3 Power Supply Recommendations...........................31
10.4 Layout..................................................................... 31
11 Device and Documentation Support..........................33
11.1 Documentation Support.......................................... 33
11.2 Receiving Notification of Documentation Updates.. 33
11.3 Support Resources................................................. 33
11.4 Trademarks............................................................. 33
11.5 Electrostatic Discharge Caution.............................. 33
11.6 Glossary.................................................................. 33
12 Mechanical, Packaging, and Orderable
Information.................................................................... 33
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (November 2022) to Revision A (March 2023)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data .................................. 1
TMUX6201, TMUX6202
SCDS450A – NOVEMBER 2022 – REVISED MARCH 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX6201 TMUX6202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com