Electronic Components Datasheet Search
  English  ▼

X  

AP3107Z Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3107Z
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3107Z Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3107Z Datasheet HTML 1Page - Diodes Incorporated AP3107Z Datasheet HTML 2Page - Diodes Incorporated AP3107Z Datasheet HTML 3Page - Diodes Incorporated AP3107Z Datasheet HTML 4Page - Diodes Incorporated AP3107Z Datasheet HTML 5Page - Diodes Incorporated AP3107Z Datasheet HTML 6Page - Diodes Incorporated AP3107Z Datasheet HTML 7Page - Diodes Incorporated AP3107Z Datasheet HTML 8Page - Diodes Incorporated AP3107Z Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP3107Z
Document number: DS36677 Rev. 3 - 3
5 of 11
www.diodes.com
March 2015
© Diodes Incorporated
AP3107Z
A Product Line of
Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN
USE AP3125 Series
Electrical Characteristics (@V
CC=16V, TA=+25ºC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
High-voltage Supply (HV Pin)
High-voltage Current Source
VCC<UVLO (on), VHV =400V
1
2
3.5
mA
Off-state Leakage Current
VCC>UVLO (off), VHV=100V
–
2.5
–
μA
VCC>UVLO (off), VHV =400V
–
10
18
μA
Supply Voltage (VCC Pin)
Start-up Current
VCC=14.8V
–
5
15
μA
Operation Supply Current
VFB=0V, CL=1nF
0.1
0.6
1
mA
VFB=3V, CL=1nF
1.5
2.5
3.5
UVLO (On)
–
15
16
17
V
UVLO (Off)
–
7.6
8.6
9.6
V
VCC OVP
–
27
28
30
V
VCC Clamp
ICC=5mA
–
35
–
V
De-latch VCC
–
3.8
5.7
7
V
Oscillator Section
Maximum Duty Cycle
–
70
75
80
%
Minimum Duty Cycle
–
–
0
–
%
Oscillation Frequency
Center frequency
60
65
70
kHz
Green Mode Frequency
–
–
28
–
kHz
Frequency Temperature Stability
-40 to +85ºC
–
–
5
%
Frequency Voltage Stability
VCC=12V to 30V
–
–
5
%
Frequency Dithering
f/center frequency
–
±6
–
%
Current Sense Section (SENSE Pin )
Maximum SENSE Voltage
VHV =100V
0.8
0.85
0.9
V
The Ratio of Input Voltage
to Current Sense Voltage
–
2.5
3
3.5
V/V
LEB Time of SENSE
Center frequency
150
250
350
ns
Delay to Output
–
–
100
–
ns
Soft Start Time
Center frequency
3
4
5
ms
Feedback Input Section ( FB Pin )
Short Circuit Current
VFB=0V
–
-0.18
–
mA
Green Mode Threshold, VFB
–
–
2.1
–
V
Burst Mode Threshold, VFB
–
–
1.35
–
V
Open Loop Voltage
FB pin open
–
4.6
–
V
Input Impendence
–
–
26
–
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com