Electronic Components Datasheet Search
  English  ▼

X  

AP3107Z Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3107Z
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3107Z Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3107Z Datasheet HTML 2Page - Diodes Incorporated AP3107Z Datasheet HTML 3Page - Diodes Incorporated AP3107Z Datasheet HTML 4Page - Diodes Incorporated AP3107Z Datasheet HTML 5Page - Diodes Incorporated AP3107Z Datasheet HTML 6Page - Diodes Incorporated AP3107Z Datasheet HTML 7Page - Diodes Incorporated AP3107Z Datasheet HTML 8Page - Diodes Incorporated AP3107Z Datasheet HTML 9Page - Diodes Incorporated AP3107Z Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP3107Z
Document number: DS36677 Rev. 3 - 3
6 of 11
www.diodes.com
March 2015
© Diodes Incorporated
AP3107Z
A Product Line of
Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN
USE AP3125 Series
Electrical Characteristics (@V
CC=16V, TA=+25ºC, unless otherwise specified. Cont.)
Parameter
Conditions
Min
Typ
Max
Unit
Output Section ( GATE Pin )
Output Low Level
IGATE=50mA, VCC=12V
–
–
1
V
Output High Level
IGATE =50mA, VCC=12V
8
–
–
V
Output Clamping
–
15.5
17.5
19.5
V
Rising Time
CL =1nF
150
250
350
ns
Falling Time
CL =1nF
30
50
90
ns
Brownout Protection
Turn-on DC Input (HV), VON
R=0k
92
99
106
V
Turn-off DC Input (HV),VOFF
R=0k
–
VON-5
–
V
De-bounce Time of Enable
–
–
25
–
μs
De-bounce Time of Turn off
VFB=3V
25
35
45
ms
Over-temperature Protection
Shutdown Temperature
–
–
+140
–
ºC
Temperature Hysteresis
–
–
+20
–
ºC
Delay Time Section
Delay 1
Center frequency
Short circuit, OLP
25
35
45
ms
Delay 2
Center frequency
VCC OVP
–
25
–
μs
Performance Characteristics
Start-up Voltage vs. Ambient Temperature
Shutdown Voltage vs. Ambient Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
160
15.5
15.6
15.7
15.8
15.9
16.0
16.1
16.2
16.3
Ambient Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
120
140
160
8.20
8.25
8.30
8.35
8.40
8.45
8.50
8.55
8.60
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com