Electronic Components Datasheet Search
  English  ▼

X  

AP3107Z Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3107Z
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3107Z Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3107Z Datasheet HTML 1Page - Diodes Incorporated AP3107Z Datasheet HTML 2Page - Diodes Incorporated AP3107Z Datasheet HTML 3Page - Diodes Incorporated AP3107Z Datasheet HTML 4Page - Diodes Incorporated AP3107Z Datasheet HTML 5Page - Diodes Incorporated AP3107Z Datasheet HTML 6Page - Diodes Incorporated AP3107Z Datasheet HTML 7Page - Diodes Incorporated AP3107Z Datasheet HTML 8Page - Diodes Incorporated AP3107Z Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP3107Z
Document number: DS36677 Rev. 3 - 3
1 of 11
www.diodes.com
March 2015
© Diodes Incorporated
AP3107Z
A Product Line of
Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN
USE AP3125 Series
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
Description
The AP3107Z is the high voltage start-up, current mode PWM
controller with green mode power-saving operation.
To minimize the standby power consumption, a proprietary adaptive
green mode function provides frequency modulation at light load
conditions. To avoid acoustic noise problems, the minimum PWM
frequency is set at about 26kHz.
The AP3107Z features proprietary frequency dithering function
internally that helps to reduce EMI emission of a power supply with
minimum line filters used.
The AP3107Z also integrates a lot of functions such as Leading-Edge
Blanking (LEB) of the current sensing, internal slope compensation,
line compensation and several protection features. The protection
functions include cycle-by-cycle current limit (OCP), over voltage
protection, OTP, OLP and brownout protection.
The AP3107Z is available in SO-7 package.
Features
• High-voltage Start-up Circuit
• Low Start-up Current: 15μA Max.
• Fixed Oscillation Frequency: 65kHz
• Ultra Low Standby Power Application
• Non-audible-noise Green Mode Control
• LEB (Leading-edge Blanking) on SENSE Pin
• Soft Driving
• Fast OCP for Abnormal Short Circuit
• Frequency Linearly Decreasing at Light Load
• Internal Slope Compensation
• Programmable Brownout Protection
• Useful Pin Fault Protections
• SENSE, FB Pins Floating
• FB Short to Ground
•
Comprehensive System Protections
• VCC Over Voltage Protection (VOVP)
• Over Temperature Protection (OTP)
• Constant Over Load Protection (COLP)
• Short Circuit Protection (SCP)
•
Compact Size SO-7 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SO-7
Applications
• Switching AC/DC Adaptor
• LCD Monitor/TV Power
• Open Frame Switching Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
7
6
5
BNO
SENSE
FB
GND
GATE
VCC
HV


Similar Part No. - AP3107Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3101 BCDSEMI-AP3101 Datasheet
226Kb / 14P
GREEN MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 2
logo
BCD Semiconductor Manuf...
AP3101M-E1 BCDSEMI-AP3101M-E1 Datasheet
226Kb / 14P
GREEN MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3101M-E1 DIODES-AP3101M-E1 Datasheet
378Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 2
AP3101M-G1 DIODES-AP3101M-G1 Datasheet
378Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 2
More results

Similar Description - AP3107Z

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3106 BCDSEMI-AP3106 Datasheet
345Kb / 11P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Diodes Incorporated
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
Rev 2
logo
Unisonic Technologies
UC3869A UTC-UC3869A Datasheet
310Kb / 9P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Leadtrend Technology
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
logo
List of Unclassifed Man...
OB5269 ETC1-OB5269 Datasheet
377Kb / 1P
High Voltage Green Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com