Electronic Components Datasheet Search
  English  ▼

X  

AP3583 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3583
Description  SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3583 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3583 Datasheet HTML 1Page - Diodes Incorporated AP3583 Datasheet HTML 2Page - Diodes Incorporated AP3583 Datasheet HTML 3Page - Diodes Incorporated AP3583 Datasheet HTML 4Page - Diodes Incorporated AP3583 Datasheet HTML 5Page - Diodes Incorporated AP3583 Datasheet HTML 6Page - Diodes Incorporated AP3583 Datasheet HTML 7Page - Diodes Incorporated AP3583 Datasheet HTML 8Page - Diodes Incorporated AP3583 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP3583/A
Document number: DS41575 Rev. 3- 2
5 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP3583/A
Electrical Characteristics (VCC=12V, TA=+25℃, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLY INPUT
VCC
Supply Voltage
_
4.5
_
13.2
V
ICC
Supply Current
UGATE1and1LGATEPin1Open;
VCC=12V,1Switching
_
3
_
mA
ICC_Q
Quiescent Supply Current
VFB=VREF+0.1V,
No Switching
_
2
_
mA
VIN
Power Input Voltage
_
3.0
_
13.2
V
POWER ON RESET
VPOR
VCC Rising Threshold
VCC Rising
4.0
4.2
4.4
V
VPOR_HYS
VCC Threshold Hysteresis
_
_
300
_
mV
OSCILLATOR
fOSC
Oscillator Frequency
AP3583
180
200
220
kHz
AP3583A
270
300
330
ΔVOSC
Ramp Amplitude
VCC=12V
_
1.0
_
V
PWM CONTROLLER GATE DRIVERS
IUG_SRC
Upper Gate Source Current
VBOOT-VPHASE=12V, VBOOT-
VUGATE=6V
_
-1
_
A
IUG_SNK
Upper Gate Sink Current
VBOOT-VPHASE=12V, VBOOT-
VUGATE=6V
_
1.5
_
A
RUGATE
Upper Gate Sink Resistance
50mA Sink Current
VBOOT-VPHASE=12V
_
1.6
3.2
Ω
ILG_SRC
Lower Gate Source Current
VCC-VLGATE=6V
_
-1
_
A
ILG_SNK
Lower Gate Sink Current
VLGATE=6V
_
1.5
_
A
RLGATE
Lower Gate Sink Resistance
VCC=12V,
50mA Source Current
_
1
2
Ω
_
PHASE Falling to LGATE Rising Delay
VPHASE<1.2V to VLGATE>1.2V
_
50
_
ns
_
LGATE Falling to UGATE Rising Delay
VLGATE<1.2V to (VUGATE-
VPHASE)>1.2V
_
50
_
ns
_
Minimum Duty Cycle
_
_
0
_
%
_
Maximum Duty Cycle
_
75
80
85
%
REFERENCE VOLTAGE
VFB
Feedback Voltage
Stand-alone Mode
0.591
0.6
0.609
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com