Electronic Components Datasheet Search
  English  ▼

X  

AP3583 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3583
Description  SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3583 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3583 Datasheet HTML 1Page - Diodes Incorporated AP3583 Datasheet HTML 2Page - Diodes Incorporated AP3583 Datasheet HTML 3Page - Diodes Incorporated AP3583 Datasheet HTML 4Page - Diodes Incorporated AP3583 Datasheet HTML 5Page - Diodes Incorporated AP3583 Datasheet HTML 6Page - Diodes Incorporated AP3583 Datasheet HTML 7Page - Diodes Incorporated AP3583 Datasheet HTML 8Page - Diodes Incorporated AP3583 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP3583/A
Document number: DS41575 Rev. 3- 2
1 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP3583/A
SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
Description
The AP3583/A is a simple single-phase synchronous buck controller.
It operates from 5V or 12V supply voltage and delivers high quality
output voltage as low as 0.6V. This device operates at fixed 200kHz
(AP3583) or 300kHz (AP3583A) frequency and provides an optimum
compromise between efficiency, external component size and cost.
With integrated linear regulator bootstrap diode, and N-Channel
MOSFET gate drives, the AP3583/A can reduce external component
count and board space requirements.
The AP3583/A supports both tracking mode and stand-alone mode
operation. The output voltage is tightly regulated to the external
reference voltage from 0.4V to 3V at tracking mode or internal 0.6V
reference at stand-alone mode.
Other features include internal soft-start, under voltage protection,
over current protection and shutdown function. With aforementioned
functions, this part provides customers a compact, high efficiency,
well-protected and cost-effective solutions.
The AP3583/A is available in PSOP-8 package.
Features
Supply Voltage: 5V/12V
VIN Input Range: 3.0V to 13.2V
0.6V to 80% of VIN Output Range
Internal Reference: 0.6V
Support Tracking Mode and Stand-Alone Mode
Simple Single-Loop Control
Voltage-Mode PWM Control
Duty Cycle: 0% to 80%
Fast Transient Response
Fixed Oscillator Frequency: 200/300kHz
Lossless, Programmable Over Current Protection
(Uses Lower MOSFET RDS(ON) )
Start-Up into Pre-biased Output
Built-In Thermal Shutdown
Built-In Soft-Start
Over Current/Voltage Protection
Under Voltage Protection
Integrated Boot Diode
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
BOOT
UGATE
OPS
LGATE
PHASE
REFIN
FB
VCC
GND
9
PSOP-8
Applications
Power Supplies for Microprocessors/Peripherals
PCs, Embedded Controllers, Memory Supplies
DSP and Core Communications Processor Supplies
Subsystem Power Supplies
PCI, AGP, Graphics Cards and Digital TV
SSTL-2 and DDR/2/3 SDRAM Bus Termination Supply
Cable Modems, Set Top Boxes, and DSL
Modems
Industrial Power Supplies and General Purpose Supplies
5V/12V Input DC-DC Regulators
Low-Voltage Distributed Power Supplies
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3583

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
Single Phase Synchronous Buck PWM Controller With Reference Input
AP3583AMP-G1 BCDSEMI-AP3583AMP-G1 Datasheet
629Kb / 13P
Single Phase Synchronous Buck PWM Controller With Reference Input
AP3583AMPTR-G1 BCDSEMI-AP3583AMPTR-G1 Datasheet
629Kb / 13P
Single Phase Synchronous Buck PWM Controller With Reference Input
AP3583MP-G1 BCDSEMI-AP3583MP-G1 Datasheet
629Kb / 13P
Single Phase Synchronous Buck PWM Controller With Reference Input
AP3583MPTR-G1 BCDSEMI-AP3583MPTR-G1 Datasheet
629Kb / 13P
Single Phase Synchronous Buck PWM Controller With Reference Input
More results

Similar Description - AP3583

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
Single Phase Synchronous Buck PWM Controller With Reference Input
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
Single Phase Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
5V/12V Synchronous Buck PWM Controller with Reference Input
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com