Electronic Components Datasheet Search
  English  ▼

X  

AP3583 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3583
Description  SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3583 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3583 Datasheet HTML 3Page - Diodes Incorporated AP3583 Datasheet HTML 4Page - Diodes Incorporated AP3583 Datasheet HTML 5Page - Diodes Incorporated AP3583 Datasheet HTML 6Page - Diodes Incorporated AP3583 Datasheet HTML 7Page - Diodes Incorporated AP3583 Datasheet HTML 8Page - Diodes Incorporated AP3583 Datasheet HTML 9Page - Diodes Incorporated AP3583 Datasheet HTML 10Page - Diodes Incorporated AP3583 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP3583/A
Document number: DS41575 Rev. 3- 2
7 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP3583/A
Performance Characteristics
Line Regulation
Load Regulation
Switching Frequency vs. Temperature
Switching Frequency vs. Input Voltage
Feedback Voltage vs. Temperature
Feedback Voltage vs. Input Voltage
4
5
6
7
8
9
10
11
12
13
14
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
V
OUT
=1.2V, I
OUT
=10A
Input Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
22
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
V
IN
=12V, V
OUT
=1.2V
Output Current (A)
-50
-25
0
25
50
75
100
125
150
240
250
260
270
280
290
300
310
320
330
For AP3583A
Temperature (
oC)
4
5
6
7
8
9
10
11
12
13
14
240
250
260
270
280
290
300
310
320
330
340
350
360
For AP3583A
Input Voltage (V)
-50
-25
0
25
50
75
100
125
150
0.500
0.525
0.550
0.575
0.600
0.625
0.650
0.675
0.700
Temperature (
oC)
4
5
6
7
8
9
10
11
12
13
14
0.595
0.596
0.597
0.598
0.599
0.600
0.601
0.602
0.603
0.604
0.605
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com