Electronic Components Datasheet Search
  English  ▼

X  

MPC9229 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9229
Description  400MHz Low Voltage PECL Clock Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9229 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9229 Datasheet HTML 1Page - Renesas Technology Corp MPC9229 Datasheet HTML 2Page - Renesas Technology Corp MPC9229 Datasheet HTML 3Page - Renesas Technology Corp MPC9229 Datasheet HTML 4Page - Renesas Technology Corp MPC9229 Datasheet HTML 5Page - Renesas Technology Corp MPC9229 Datasheet HTML 6Page - Renesas Technology Corp MPC9229 Datasheet HTML 7Page - Renesas Technology Corp MPC9229 Datasheet HTML 8Page - Renesas Technology Corp MPC9229 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MPC9229 REVISION 5 DECEMBER 19, 2012
4
©2012 Integrated Device Technology, Inc.
MPC9229 Data Sheet
400MHZ LOW VOLTAGE PECL CLOCK SYNTHESIZER
Table 3. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
—
VCC –2
—
V
—
MM
ESD Protection (Machine Model)
200
—
—
V
—
HBM
ESD Protection (Human Body Model)
2000
—
—
V
—
LU
Latch-Up Immunity
200
—
—
mA
—
CIN
Input Capacitance
—
4.0
—
pF
Inputs
JA
LQFP 32 Thermal Resistance Junction to Ambient
JESD 51-3, Single Layer Test Board
JESD 51-6, 2S2P Multilayer Test Board
—
83.1
73.3
68.9
63.8
57.4
59.0
54.4
52.5
50.4
47.8
86.0
75.4
70.9
65.3
59.6
60.6
55.7
53.8
51.5
48.8
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
Natural Convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
Natural Convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
JC
LQFP 32 Thermal Resistance Junction to Case
—
23.0
26.3
C/W
MIL-SPEC 883E
Method 1012.1
Table 4. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
VCC
Supply Voltage
–0.3
3.9
V
VIN
DC Input Voltage
–0.3
VCC + 0.3
V
VOUT
DC Output Voltage
–0.3
VCC + 0.3
V
IIN
DC Input Current
—
20
mA
IOUT
DC Output Current
—
50
mA
TS
Storage Temperature
–65
125
C
Table 5. DC Characteristics (VCC = 3.3 V ± 5%, TA = 0°C to +70°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS Control Inputs (P_LOAD, S_LOAD, S_DATA, S_CLOCK, M[0:8], N[0:1], OE)
VIH
Input High Voltage
2.0
—
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
—
—
0.8
V
LVCMOS
IIN
Input Current(1)
1. Inputs have pull-down resistors affecting the input current.
—
—
200
A
VIN = VCC or GND
Differential Clock Output fOUT(2)
2. Outputs terminated 50
 to VTT = VCC –2 V.
VOH
Output High Voltage(3)
3. The MPC9229 TEST output levels are compatible to the MC12429 output levels.
VCC –1.11
—
VCC –0.74
V
LVPECL
VOL
Output Low Voltage(3)
VCC –1.95
—
VCC –1.60
V
LVPECL
Test and Diagnosis Output TEST
VOH
Output High Voltage(3)
2.0
—
—
V
IOH = –0.8 mA
VOL
Output Low Voltage(3)
—
—
0.55
V
IOL = 0.8 mA
Supply Current
ICC_PLL
Maximum PLL Supply Current
—
—
20
mA
VCC_PLL Pins
ICC
Maximum Supply Current
—
—
100
mA
All VCC Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com