Electronic Components Datasheet Search
  English  ▼

X  

MPC9229 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # MPC9229
Description  400MHz Low Voltage PECL Clock Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9229 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button MPC9229 Datasheet HTML 3Page - Renesas Technology Corp MPC9229 Datasheet HTML 4Page - Renesas Technology Corp MPC9229 Datasheet HTML 5Page - Renesas Technology Corp MPC9229 Datasheet HTML 6Page - Renesas Technology Corp MPC9229 Datasheet HTML 7Page - Renesas Technology Corp MPC9229 Datasheet HTML 8Page - Renesas Technology Corp MPC9229 Datasheet HTML 9Page - Renesas Technology Corp MPC9229 Datasheet HTML 10Page - Renesas Technology Corp MPC9229 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MPC9229 REVISION 5 DECEMBER 19, 2012
7
©2012 Integrated Device Technology, Inc.
MPC9229 Data Sheet
400MHZ LOW VOLTAGE PECL CLOCK SYNTHESIZER
Substituting N for the four available values for N (1, 2, 4, 8) yields:
Example Frequency Calculation for an 16 MHz Input Frequency
If an output frequency of 131 MHz was desired the following steps
would be taken to identify the appropriate M and N values.
According to Table 8., 131 MHz falls in the frequency set by an value
of 2 so N[1:0] = 01. For N = 2 the output frequency is fOUT = M  2
and M = fOUT x 2. Therefore M = 2 x 131 = 262, so M[8:0] =
100000110. Following this procedure a user can generate any whole
frequency between 25 MHz and 400 MHz. Note than for N > 2
fractional values of can be realized. The size of the programmable
frequency steps (and thus the indicator of the fractional output
frequencies achievable) will be equal to:
fSTEP = fXTAL  16  N
APPLICATIONS INFORMATION
Using the Parallel and Serial Interface
The M and N counters can be loaded either through a parallel or
serial interface. The parallel interface is controlled via the P_LOAD
signal such that a LOW-to-HIGH transition will latch the information
present on the M[8:0] and N[1:0] inputs into the M and N counters.
When the P_LOAD signal is LOW, the input latches will be
transparent and any changes on the M[8:0] and N[1:0] inputs will
affect the fOUT output pair. To use the serial port, the S_CLOCK
signal samples the information on the S_DATA line and loads it into
a 14-bit shift register. Note that the P_LOAD signal must be HIGH
for the serial load operation to function. The Test register is loaded
with the first three bits, the N register with the next two and the M
register with the final eight bits of the data stream on the S_DATA
input. For each register the most significant bit is loaded first (T2, N1,
and M8). A pulse on the S_LOAD pin after the shift register is fully
loaded will transfer the divide values into the counters. The HIGH-
to-LOW transition on the S_LOAD input will latch the new divide
values into the counters. Figure 3. illustrates the timing diagram for
both a parallel and a serial load of the MPC9229 synthesizer. M[8:0]
and N[1:0] are normally specified once at power-up through the
parallel interface, and then possibly again through the serial
interface. This approach allows the application to come up at one
frequency and then change or fine-tune the clock as the ability to
control the serial interface becomes available.
Using the Test and Diagnosis Output TEST
The TEST output provides visibility for one of the several internal
nodes as determined by the T[2:0] bits in the serial configuration
stream. It is not configurable through the parallel interface. Although
it is possible to select the node that represents fOUT, the CMOS
output is not able to toggle fast enough for higher output frequencies
and should only be used for test and diagnosis. The T2, T1, and T0
control bits are preset to ‘000' when P_LOAD is LOW so that the
PECL fOUT outputs are as jitter-free as possible. Any active signal
on the TEST output pin will have detrimental affects on the jitter of
the PECL output pair. In normal operations, jitter specifications are
only guaranteed if the TEST output is static. The serial configuration
port can be used to select one of the alternate functions for this pin.
Most of the signals available on the TEST output pin are useful only
for performance verification of the MPC9229 itself. However the PLL
bypass mode may be of interest at the board level for functional
debug. When T[2:0] is set to 110, the MPC9229 is placed in PLL
bypass mode. In this mode the S_CLOCK input is fed directly into
the M and N dividers. The N divider drives the fOUT differential pair
and the M counter drives the TEST output pin. In this mode the
S_CLOCK input could be used for low speed board level functional
test or debug. Bypassing the PLL and driving fOUT directly gives the
user more control on the test clocks sent through the clock tree.
Figure 5. shows the functional setup of the PLL bypass mode.
Because the S_CLOCK is a CMOS level, the input frequency is
limited to 200 MHz. This means the fastest the fOUT pin can be
toggled via the S_CLOCK is 100 MHz as the divide ratio of the
Post-PLL divider is 2 (if N = 1). Note that the M counter output on the
TEST output will not be a 50% duty cycle.
Table 8. Output Frequency Range for fXTAL = 16 MHz
N
fOUT
fOUT Range
fOUT Step
1
0
Value
0
0
1
M
200 – 400 MHz
1 MHz
0
1
2
M
2
100 – 200 MHz
500 kHz
1
0
4
M
4
50 – 100 MHz
250 kHz
1
1
8
M
8
25 – 50 MHz
125 kHz
Table 9. Test and Debug Configuration for TEST
T[2:0]
TEST Output
T2
T1
T0
0
0
0
14-bit shift register out(1)
1. Clocked out at the rate of S_CLOCK
0
0
1
Logic 1
0
1
0
fXTAL  16
0
1
1
M-Counter out
1
0
0
fOUT
1
0
1
Logic 0
1
1
0
M-Counter out in PLL-bypass mode
1
1
1
fOUT  4
Table 10. Debug Configuration for PLL Bypass(1)
1. T[2:0] = 110. AC specifications do not apply in PLL bypass mode
Output
Configuration
fOUT
S_CLOCK
 N
TEST
M-Counter out(2)
2. Clocked out at the rate of S_CLOCK
(4 N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com