Electronic Components Datasheet Search
  English  ▼

X  

AP6501 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP6501
Description  340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6501 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP6501 Datasheet HTML 1Page - Diodes Incorporated AP6501 Datasheet HTML 2Page - Diodes Incorporated AP6501 Datasheet HTML 3Page - Diodes Incorporated AP6501 Datasheet HTML 4Page - Diodes Incorporated AP6501 Datasheet HTML 5Page - Diodes Incorporated AP6501 Datasheet HTML 6Page - Diodes Incorporated AP6501 Datasheet HTML 7Page - Diodes Incorporated AP6501 Datasheet HTML 8Page - Diodes Incorporated AP6501 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP6501
Document number: DS36059 Rev. 1 - 2
1 of 15
www.diodes.com
September 2012
© Diodes Incorporated
AP6501
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Description
The AP6501 is a 340kHz switching frequency external compensated
synchronous DC/DC buck converter. It has integrated low RDSON
high and low side MOSFETs.
The AP6501 enables continues load current of up to 2A with
efficiency as high as 95%.
The AP6501 features current mode control operation, which enables
fast transient response times and easy loop stabilization.
The AP6501 simplifies board layout and reduces space requirements
with its high level of integration and minimal need for external
components, making it ideal for distributed power architectures.
The AP6501 is available in a standard Green SO-8 and SO-8EP
package with exposed PAD for improved thermal performance and is
RoHS compliant.
Pin Assignments
COMP
SW
GND
BS
EN
FB
SS
( Top View )
1
2
3
4
8
7
6
5
IN
SO-8EP
Figure 1. Package Pin Out
Features
•
VIN 4.75V to 23V
•
2A continuous Output Current, 3A Peak
•
VOUT Adjustable to 0.925 to 20V
•
340kHz Switching Frequency
•
Programmable Soft-Start
•
Enable Pin
•
Protection
OCP
Thermal Shutdown
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
•
Gaming Consoles
•
Flat Screen TV Sets and Monitors
•
Set Top Boxes
•
Distributed Power Systems
•
Home Audio
•
Consumer Electronics
•
Network Systems
•
FPGA, DSP and ASIC Supplies
•
Green Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Typical Application Circuit
Figure 2. Typical Application Circuit
0
0.4
0.8
1.2
1.6
2
LOAD CURRENT (A)
Efficiency vs. Load Current
L = 10µH
V
= 3.3V
OUT
40
50
60
70
80
90
100
V
= 5V
IN
V
= 12V
IN


Similar Part No. - AP6501

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
AP6502 DIODES-AP6502 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
AP6502A DIODES-AP6502A Datasheet
432Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6502ASP-13 DIODES-AP6502ASP-13 Datasheet
432Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6502SP-13 DIODES-AP6502SP-13 Datasheet
412Kb / 12P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
More results

Similar Description - AP6501

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
AP6503 DIODES-AP6503 Datasheet
419Kb / 13P
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
logo
Richtek Technology Corp...
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
logo
BCD Semiconductor Manuf...
AP3502E BCDSEMI-AP3502E Datasheet
597Kb / 11P
340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
logo
Fitipower Integrated Te...
FR9886 FITIPOWER-FR9886 Datasheet
1Mb / 14P
23V, 2.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9888 FITIPOWER-FR9888 Datasheet
994Kb / 13P
23V, 3.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com