Electronic Components Datasheet Search
  English  ▼

X  

AP6501 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP6501
Description  340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6501 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP6501 Datasheet HTML 7Page - Diodes Incorporated AP6501 Datasheet HTML 8Page - Diodes Incorporated AP6501 Datasheet HTML 9Page - Diodes Incorporated AP6501 Datasheet HTML 10Page - Diodes Incorporated AP6501 Datasheet HTML 11Page - Diodes Incorporated AP6501 Datasheet HTML 12Page - Diodes Incorporated AP6501 Datasheet HTML 13Page - Diodes Incorporated AP6501 Datasheet HTML 14Page - Diodes Incorporated AP6501 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP6501
Document number: DS36059 Rev. 1 - 2
12 of 15
www.diodes.com
September 2012
© Diodes Incorporated
AP6501
Applications Information (cont.)
PC Board Layout
This is a high switching frequency converter. Hence attention must be paid to the switching currents interference in the layout. Switching
current from one power device to another can generate voltage transients across the impedances of the interconnecting bond wires and
circuit traces. These interconnecting impedances should be minimized by using wide, short printed circuit traces.
AP6501SP-13 is exposed at the bottom of the package and must be soldered directly to a well designed thermal pad on the PCB. This will
help to increase the power dissipation. This is not applicable for the AP6501S-13.
External Bootstrap Diode
It is recommended that an external bootstrap diode be added when the input voltage is no greater than 5V or the 5V rail is available in the
system. This helps to improve the efficiency of the regulator. This solution is also applicable for D > 65%. The bootstrap diode can be a low
cost one such as BAT54 or a schottky that has a low Vf.
Figure 7. External Bootstrap
Compensation Components
Recommended Diodes:
Part Number
Voltage/Current
Rating
Vendor
B130
30V, 1A
Diodes Inc
SK13
30V, 1A
Diodes Inc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com