Electronic Components Datasheet Search
  English  ▼

X  

MPC9653 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC9653
Description  3.3 V 1:8 LVCMOS PLL Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9653 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC9653 Datasheet HTML 2Page - Renesas Technology Corp MPC9653 Datasheet HTML 3Page - Renesas Technology Corp MPC9653 Datasheet HTML 4Page - Renesas Technology Corp MPC9653 Datasheet HTML 5Page - Renesas Technology Corp MPC9653 Datasheet HTML 6Page - Renesas Technology Corp MPC9653 Datasheet HTML 7Page - Renesas Technology Corp MPC9653 Datasheet HTML 8Page - Renesas Technology Corp MPC9653 Datasheet HTML 9Page - Renesas Technology Corp MPC9653 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MPC9653 REVISION 4 FEBRUARY 4, 2013
6
©2013 Integrated Device Technology, Inc.
MPC9653 Data Sheet
3.3 V 1:8 LVCMOS PLL CLOCK GENERATOR
APPLICATIONS INFORMATION
Programming the MPC9653
The MPC9653 supports output clock frequencies from 25
to 125 MHz. Two different feedback divider configurations
can be used to achieve the desired frequency operation
range. The feedback divider (VCO_SEL) should be used to
situate the VCO in the frequency lock range between 200 and
500 MHz for stable and optimal operation. Two operating
frequency ranges are supported: 25 to 62.5 MHz and 50 to
125 MHz. Table 7 illustrates the configurations supported by
the MPC9653. PLL zero-delay is supported if BYPASS =1,
PLL_EN = 1 and the input frequency is within the specified
PLL reference frequency range.
Power Supply Filtering
The MPC9653 is a mixed analog/digital product. Its analog
circuitry is naturally susceptible to random noise, especially if
this noise is seen on the power supply pins. Random noise
on the VCCA_PLL power supply impacts the device
characteristics, for instance I/O jitter. The MPC9653 provides
separate power supplies for the output buffers (VCC) and the
phase-locked loop (VCCA_PLL) of the device. The purpose of
this design technique is to isolate the high switching noise
digital outputs from the relatively sensitive internal analog
phase-locked loop. In a digital system environment where it
is more difficult to minimize noise on the power supplies a
second level of isolation may be required. The simple but
effective form of isolation is a power supply filter on the
VCC_PLL pin for the MPC9653. Figure 3 illustrates a typical
power supply filter scheme. The MPC9653 frequency and
phase stability is most susceptible to noise with spectral
content in the 100 kHz to 20 MHz range. Therefore the filter
should be designed to target this range. The key parameter
that needs to be met in the final filter design is the DC voltage
drop across the series filter resistor RF. From the data sheet
the ICCA current (the current sourced through the VCC_PLL
pin) is typically 5 mA (10 mA maximum), assuming that a
minimum of 2.985 V must be maintained on the VCC_PLL pin.
Figure 3. VCC_PLL Power Supply Filter
The minimum values for RF and the filter capacitor CF are
defined by the required filter characteristics: the RC filter
should provide an attenuation greater than 40 dB for noise
whose spectral content is above 100 kHz. In the example RC
filter shown in Figure 3, the filter cut-off frequency is around
4 kHz and the noise attenuation at 100 kHz is better than 42
dB.
As the noise frequency crosses the series resonant point
of an individual capacitor its overall impedance begins to look
inductive and thus increases with increasing frequency. The
parallel capacitor combination shown ensures that a low
impedance path to ground exists for frequencies well above
the bandwidth of the PLL. Although the MPC9653 has
several design features to minimize the susceptibility to
power supply noise (isolated power and grounds and fully
differential PLL) there still may be applications in which
overall performance is being degraded due to system power
supply noise. The power supply filter schemes discussed in
this section should be adequate to eliminate power supply
noise related problems in most designs.
Using the MPC9653 in Zero-Delay Applications
Nested clock trees are typical applications for the
MPC9653. Designs using the MPC9653 as LVCMOS PLL
fanout buffer with zero insertion delay will show significantly
lower clock skew than clock distributions developed from
CMOS fanout buffers. The external feedback option of the
MPC9653 clock driver allows for its use as a zero delay
buffer. The PLL aligns the feedback clock output edge with
the clock input reference edge resulting a near zero delay
through the device (the propagation delay through the device
is virtually eliminated). The maximum insertion delay of the
device in zero-delay applications is measured between the
reference clock input and any output. This effective delay
consists of the static phase offset, I/O jitter (phase or
long-term jitter), feedback path delay and the
output-to-output skew error relative to the feedback output.
Table 7. MPC9653 Configurations (QFB connected to FB_IN)
BYPASS
PLL_EN
VCO_SEL
Operation
Frequency
Ratio
Output range (fQ0–7)
VCO
0
X
X
Test mode: PLL and divider bypass
fQ0–7 = fREF
0–200 MHz
n/a
1
0
0
Test mode: PLL bypass
fQ0–7 = fREF  4
0–50 MHz
n/a
1
0
1
Test mode: PLL bypass
fQ0–7 = fREF  8
0–25 MHz
n/a
1
1
0
PLL mode (high frequency range)
fQ0–7 = fREF
50 to 125 MHz
fVCO = fREF  4
1
1
1
PLL mode (low frequency range)
fQ0–7 = fREF
25 to 62.5 MHz
fVCO = fREF  8
VCC_PLL
VCC
MPC9653
10 nF
RF = 5–15 
CF = 22F
CF
33...100 nF
RF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com