Electronic Components Datasheet Search
  English  ▼

X  

MPC9653 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # MPC9653
Description  3.3 V 1:8 LVCMOS PLL Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9653 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button MPC9653 Datasheet HTML 3Page - Renesas Technology Corp MPC9653 Datasheet HTML 4Page - Renesas Technology Corp MPC9653 Datasheet HTML 5Page - Renesas Technology Corp MPC9653 Datasheet HTML 6Page - Renesas Technology Corp MPC9653 Datasheet HTML 7Page - Renesas Technology Corp MPC9653 Datasheet HTML 8Page - Renesas Technology Corp MPC9653 Datasheet HTML 9Page - Renesas Technology Corp MPC9653 Datasheet HTML 10Page - Renesas Technology Corp MPC9653 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MPC9653 REVISION 4 FEBRUARY 4, 2013
7
©2013 Integrated Device Technology, Inc.
MPC9653 Data Sheet
3.3 V 1:8 LVCMOS PLL CLOCK GENERATOR
Calculation of Part-to-Part Skew
The MPC9653 zero delay buffer supports applications
where critical clock signal timing can be maintained across
several devices. If the reference clock inputs of two or more
MPC9653 are connected together, the maximum overall
timing uncertainty from the common PCLK input to any output
is:
tSK(PP) = t() + tSK(O) + tPD, LINE(FB) + tJIT()  CF
This maximum timing uncertainty consist of four
components: static phase offset, output skew, feedback
board trace delay and I/O (phase) jitter:
Figure 4. MPC9653 Max. Device-to-Device Skew
Due to the statistical nature of I/O jitter a RMS value (1
)
is specified. I/O jitter numbers for other confidence factors
(CF) can be derived from Table 8.
The feedback trace delay is determined by the board
layout and can be used to fine-tune the effective delay
through each device. In the following example calculation a I/
O jitter confidence factor of 99.7% (
 3) is assumed,
resulting in a worst case timing uncertainty from input to any
output of
– 197 ps to 297 ps (at 125 MHz reference frequency) relative
to PCLK:
tSK(PP) = [–17ps...117ps] + [–150ps...150ps] +
[(10ps
 –3)...(10ps  3)] + tPD, LINE(FB)
tSK(PP) = [–197ps...297ps] + tPD, LINE(FB)
Due to the frequency dependence of the I/O jitter, Figure 5 can be used for a
more precise timing performance analysis.
Figure 5. Max. I/O Jitter versus Frequency
Driving Transmission Lines
The MPC9653 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of less than 20
 the
drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines the reader is referred to Motorola Application Note
AN1091. In most high performance clock networks
point-to-point distribution of signals is the method of choice.
In a point-to-point scheme either series terminated or parallel
terminated transmission lines can be used. The parallel
technique terminates the signal at the end of the line with a
50
 resistance to VCC  2.
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each
output of the MPC9653 clock driver. For the series terminated
case however there is no DC current draw, thus the outputs
can drive multiple series terminated lines. Figure 6 illustrates
an output driving a single series terminated line versus two
series terminated lines in parallel. When taken to its extreme
the fanout of the MPC9653 clock driver is effectively doubled
due to its capability to drive multiple lines.
Table 8. Confidence Factor CF
CF
Probability of clock edge within the distribution
 1
0.68268948
 2
0.95449988
 3
0.99730007
 4
0.99993663
 5
0.99999943
 6
0.99999999
tPD,LINE(FB)
tJIT()
+tSK(O)
—t(ý)
+t()
tJIT()
+tSK(O)
tSK(PP)
Max. skew
TCLKCommon
QFBDevice 1
Any QDevice 1
QFBDevice2
Any QDevice 2
30
20
10
0
FB =
 8
FB =
 4
25
35
45
55
65
75
85
95 105 115 125
Reference frequency [MHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com