Electronic Components Datasheet Search
  English  ▼

X  

AP8804 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP8804
Description  LOW VOLTAGE PULSED LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8804 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP8804 Datasheet HTML 1Page - Diodes Incorporated AP8804 Datasheet HTML 2Page - Diodes Incorporated AP8804 Datasheet HTML 3Page - Diodes Incorporated AP8804 Datasheet HTML 4Page - Diodes Incorporated AP8804 Datasheet HTML 5Page - Diodes Incorporated AP8804 Datasheet HTML 6Page - Diodes Incorporated AP8804 Datasheet HTML 7Page - Diodes Incorporated AP8804 Datasheet HTML 8Page - Diodes Incorporated AP8804 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP8804
AP8804
Document number: DS32050 Rev. 2 - 5
5 of 9
www.diodes.com
February 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics (Cont.)
Channel 1 (Upper): V_Bias @ 0.5V/div
Channel 2 (Lower): I_Out @ 100mA/div
Timebase: 2us/div
Pulse Response R_Bias 4.1k
0mA
0V
0V
0mA
Channel 1 (Upper): V_Bias @ 0.5V/div
Channel 2 (Lower): I_Out @ 20mA/div
Timebase: 2us/div
Pulse Response R_Bias 21.0k
PIN Descriptions
NAME
I/O
Pin #
FUNCTION
NC
-
1
No connection. May be grounded or left floating.
GND
Power
2
GND or the most negative terminal of the LED Driver. Also carries the LED return
current.
BIAS
I
3
The output of an internal voltage reference (1.0V approx.). Connect a resistor RBIAS from
this pin to the external control input. The LED Driver amplifies the RBIAS resistor current
by a factor of nominally1000. Open circuiting this pin or driving this pin to >1.25V will
turn off the output of the AP8804. Avoid unnecessary stray capacitance at this pin, and
connect RBIAS as close as possible to it.
VCC
Power
4
The supply input pin of the LED Driver. This pin supplies the internal circuitry of the IC
which is typically 80uA + 2.5% of the LED output current. It is advisable to decouple this
pin with a 100nF capacitor to GND.
NC
-
5
No connection. May be grounded or left floating.
OUT
O
6
The output of the LED Driver, normally connected to the cathode of the LED. The
normal working range of this pin is 0.1V (0.1V above GND pin potential) to 6V. It is
permissible for the voltage on this pin to be higher than VCC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com