Electronic Components Datasheet Search
  English  ▼

X  

AP8804 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP8804
Description  LOW VOLTAGE PULSED LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8804 Datasheet(HTML) 7 Page - Diodes Incorporated

  AP8804 Datasheet HTML 1Page - Diodes Incorporated AP8804 Datasheet HTML 2Page - Diodes Incorporated AP8804 Datasheet HTML 3Page - Diodes Incorporated AP8804 Datasheet HTML 4Page - Diodes Incorporated AP8804 Datasheet HTML 5Page - Diodes Incorporated AP8804 Datasheet HTML 6Page - Diodes Incorporated AP8804 Datasheet HTML 7Page - Diodes Incorporated AP8804 Datasheet HTML 8Page - Diodes Incorporated AP8804 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP8804
AP8804
Document number: DS32050 Rev. 2 - 5
7 of 9
www.diodes.com
February 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
PCB Layout and Supply Conditioning
For a satisfactory pulse shape and AC stability, attention should be given to power supply decoupling. Connect a 0.1µF to 1µF
X7R ceramic capacitor from Vcc to the common ground plane close to the Vcc pin. Position the capacitor close to the VCC pin
and use local vias to ground the capacitor. Additional ground vias should be placed as close as possible to the central paddle
connection for the sake of both the pulse performance and thermal heat-sinking. The ground plane is also required to minimize
undesired common-impedance coupling between input and output.
Excessive stray capacitance at the BIAS pin affects stability. It is sufficient to place the input bias resistor close to the BIAS pin to
minimize the PCB trace capacitance to ground.
The AP8804 has been designed to drive the cathode of a low voltage LED which has the anode connected to the same node as
VCC pin. Alternatively the anode may be connected to a higher voltage than VCC within the limits given. However best LED
current regulation will be obtained when the anode is connected to VCC.
Power Dissipation and Operating Temperature
Although the performance of the AP8804 is not significantly affected by junction temperature, excessive power dissipation does
affect the target output current. The typical variation of I_Out with power dissipation is approximately +0.065%/mW. A typical
remote control application uses an NEC protocol data-burst with a low impedance 3V supply and 1.6V drop (at 250mA) across the
LED load. Under these conditions, the power dissipation related error in I_Out will be approximately 3% average during the burst.
Ordering Information
Device
Package
Code
Packaging
7”/13” Tape and Reel
Quantity
Part Number
Suffix
AP8804SNG-7
SN
DFN2020-6
3000/ Tape & Reel
-7
Marking Information
A7 = Product Type Marking Code
Y = Year 0 ~ 9
W = Week: A ~ Z : 1 ~ 26 Week;
a ~ z : 27 ~ 52 week;
z represents 52 and 53 week
A7
Y W X



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com