Electronic Components Datasheet Search
  English  ▼

X  

AP8804 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP8804
Description  LOW VOLTAGE PULSED LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8804 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP8804 Datasheet HTML 1Page - Diodes Incorporated AP8804 Datasheet HTML 2Page - Diodes Incorporated AP8804 Datasheet HTML 3Page - Diodes Incorporated AP8804 Datasheet HTML 4Page - Diodes Incorporated AP8804 Datasheet HTML 5Page - Diodes Incorporated AP8804 Datasheet HTML 6Page - Diodes Incorporated AP8804 Datasheet HTML 7Page - Diodes Incorporated AP8804 Datasheet HTML 8Page - Diodes Incorporated AP8804 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP8804
AP8804
Document number: DS32050 Rev. 2 - 5
1 of 9
www.diodes.com
February 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
LOW VOLTAGE PULSED LED DRIVER
Description
The AP8804 is a low voltage linear LED driver capable of
operating from supplies as low as 1.8V.
The AP8804 has an output current tolerance of 10% at 25°C
at 250mA and 15% at the full rated current of 350mA.
The maximum output saturation voltage at the full rated
current is 200mV.
Pin Assignments
Features
•
100mV Maximum output saturation voltage
•
TDFN small outline package
•
10% Output current tolerance
•
0 to 70°C Junction temperature range
•
Available in “Green” Molding Compound
(No Br, Sb) with lead free Finish/RoHS Compliant
(Note1)
Typical Application Circuit
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
Top View
TDFN2020-6
3
2
1
4
6
OUT
5
NC
V
CC
NC
GND
BIAS
 
1000:1 current 
gain block 
Linear  
Controller 
   
OUT
 
 
I
= 1000 I
BIAS
 
 
= 1000/R
BIAS
 
 
R
BIAS
6V 
~ 
2V 
6V 
~ 
0.1V 
1000:1 current
 
gain block
 
Linear
 
Controller
 
BIAS
V
CC
 
 
GND
 
1.0V
 
I
OUT
 
  
 
6V
~ 
1.8V
6V
 
~ 
0.1V
 


Similar Part No. - AP8804

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP8804DF APME-AP8804DF Datasheet
738Kb / 7P
20V NN-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP8804

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MICROLV9 ETC2-MICROLV9 Datasheet
91Kb / 4P
Low Voltage LED Power Driver
logo
LUMEX INC.
SNR-40636 LUMEX-SNR-40636 Datasheet
193Kb / 2P
PULSED EMITTER AND DRIVER
logo
List of Unclassifed Man...
ZLED7012 ETC2-ZLED7012 Datasheet
448Kb / 16P
Low-Voltage Four-Channel LED Driver
ZLED7022 ETC2-ZLED7022 Datasheet
433Kb / 16P
Low-Voltage Six-Channel LED Driver
logo
STMicroelectronics
AN1941 STMICROELECTRONICS-AN1941 Datasheet
505Kb / 15P
LOW VOLTAGE LED DRIVER USING
Jun-2004
logo
Integrated Device Techn...
ZLED7012 IDT-ZLED7012 Datasheet
313Kb / 14P
Low-Voltage Four-Channel LED Driver
ZLED7022 IDT-ZLED7022 Datasheet
294Kb / 14P
Low-Voltage Six-Channel LED Driver
logo
Infineon Technologies A...
BCR430U INFINEON-BCR430U Datasheet
271Kb / 11P
Low Drop Voltage LED Driver IC
Datasheet 1.0 2017-10-09
logo
Renesas Technology Corp
ZLED7012 RENESAS-ZLED7012 Datasheet
487Kb / 15P
Low-Voltage Four-Channel LED Driver
April 20, 2016
ZLED7022 RENESAS-ZLED7022 Datasheet
469Kb / 15P
Low-Voltage Six-Channel LED Driver
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com