Electronic Components Datasheet Search
  English  ▼

X  

MPC96877 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC96877
Description  1.8 V PLL 1:10 Differential SDRAM Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC96877 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC96877 Datasheet HTML 1Page - Renesas Technology Corp MPC96877 Datasheet HTML 2Page - Renesas Technology Corp MPC96877 Datasheet HTML 3Page - Renesas Technology Corp MPC96877 Datasheet HTML 4Page - Renesas Technology Corp MPC96877 Datasheet HTML 5Page - Renesas Technology Corp MPC96877 Datasheet HTML 6Page - Renesas Technology Corp MPC96877 Datasheet HTML 7Page - Renesas Technology Corp MPC96877 Datasheet HTML 8Page - Renesas Technology Corp MPC96877 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MPC96877
FREESCALE SEMICONDUCTOR ADVANCED CLOCK DRIVERS DEVICE DATA
549
12
3
4
5
6
A
B
C
D
E
F
G
H
J
K
NB
NB
NB
NB
NB
NB
NB
NB
Y6
GND
Y7
Y7
GND
OS
VDDQ
FBIN
VDDQ
FBIN
OE
FBOUT
VDDQ
VDDQ
FBOUT
GND
Y8
GND
Y1
GND
Y2
Y2
GND
VDDQ
VDDQ
CK
VDDQ
CK
VDDQ
AGND
VDDQ
VDDQ
AVDD
GND
Y3
GND
EP PACKAGE
(TOP VIEW)
40-Pin TE-QFN(6.0 x 6.0 mm Body Size,
0.5 mm Pitch, M0#220, Variation VJJD-2,
E2 = D2 = 2.9 mm ±0.15 mm) Package Pinouts
40 39 38 37 36 35 34 33 32 31
11 12 13 14 15 16 17 18 19 20
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
GND
VDDQ
Y2
Y2
CK
CK
VDDQ
AGND
AVDD
VDDQ
GND
Y7
Y7
VDDQ
FBIN
FBIN
FBOUT
FBOUT
VDDQ
OE
OS
VF-MAPBGA (VK) PACKAGE
MPC96877
1.8 V PLL 1:10 Differential SDRAM Clock Driver
NETCOM
IDT™ 1.8 V PLL 1:10 Differential SDRAM Clock Driver
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC96877
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com