Electronic Components Datasheet Search
  English  ▼

X  

MPC96877 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC96877
Description  1.8 V PLL 1:10 Differential SDRAM Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC96877 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC96877 Datasheet HTML 2Page - Renesas Technology Corp MPC96877 Datasheet HTML 3Page - Renesas Technology Corp MPC96877 Datasheet HTML 4Page - Renesas Technology Corp MPC96877 Datasheet HTML 5Page - Renesas Technology Corp MPC96877 Datasheet HTML 6Page - Renesas Technology Corp MPC96877 Datasheet HTML 7Page - Renesas Technology Corp MPC96877 Datasheet HTML 8Page - Renesas Technology Corp MPC96877 Datasheet HTML 9Page - Renesas Technology Corp MPC96877 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MPC96877
552
FREESCALE SEMICONDUCTOR ADVANCED CLOCK DRIVERS DEVICE DATA
1. Total IDD = IDDQ + IADD = FCK* CPD * VDDQ, solving for CPD = (IDDQ + IADD)/(FCK * VDDQ) where FCK is the input Frequency, VDDQ is the power
supply and CPD is the Power Dissipation Capacitance.
Table 5. Electrical Characteristics Over Recommended Free-Air Operating Temperature Range
Description
Parameter
Affected Pins
Test Conditions
AVDD, VDDQ
Min
Max
Unit
All inputs
VIK
II = –18mA
1.7 V
–1.2
V
High output voltage
VOH
IOH = –100 µA
1.7 to 1.9 V
VDDQ –0.2
V
IOH = –9 mA
1.7 V
1.1
Low output voltage
VOL
IOL = 100 µA
1.7 to 1.9 V
0.1
V
IOL = 9 mA
1.7 V
0.6
Output disable current
IODL
OE = L, VODL = 100 mV
1.7 V
100
µA
Output differential voltage
VOD
1.7 V
0.5
V
Input leakage current
II
CK, CK
VI = VDDQ or GND
1.9 V
± 250
µA
OE, OS, FBIN, FBIN
VI = VDDQ or GND
1.9 V
± 10
Static supply current IDDQ + IADD
IDDLD
CK and CK = L
1.9 V
500
µA
Dynamic Supply current
IDDQ + IADD, see Note 1 for CPD
calculation
IDD
CK and CK = 270 MHz
all outputs open
1.9 V
300
mA
Table 6. Timing Requirements Over Recommended Free-Air Operating Temperature Range
Timing Requirements
AVDD, VDDQ = 1.8 V ± 0.1 V
Unit
Min
Max
Operating clock frequency1, 2
1. The PLL must be able to handle spread spectrum induced skew.
2. Operating clock frequency indicates a range over which the PLL must be able to lock, but in which it is not required to meet the other timing
parameters. (Used for low speed system debug.)
125
340
MHz
Application clock frequency1, 3
3. Application clock frequency indicates a range over which the PLL must meet all timing parameters.
160
340
MHz
Input clock duty cycle
40
60
%
Stabilization time4
4. Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal after power
up. During normal operation, the stabilization time is also the time required for the integrated PLL circuit to obtain phase lock of its feedback signal
to its reference signal when CK and CK go to a logic low state, enter the power-down mode and later return to active operation. CK and CK may
be left floating after they have been driven low for one complete clock cycle.
15
µs
MPC96877
1.8 V PLL 1:10 Differential SDRAM Clock Driver
NETCOM
IDT™ 1.8 V PLL 1:10 Differential SDRAM Clock Driver
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC96877
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com