Electronic Components Datasheet Search
  English  ▼

X  

MPC9824 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC9824
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9824 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC9824 Datasheet HTML 1Page - Renesas Technology Corp MPC9824 Datasheet HTML 2Page - Renesas Technology Corp MPC9824 Datasheet HTML 3Page - Renesas Technology Corp MPC9824 Datasheet HTML 4Page - Renesas Technology Corp MPC9824 Datasheet HTML 5Page - Renesas Technology Corp MPC9824 Datasheet HTML 6Page - Renesas Technology Corp MPC9824 Datasheet HTML 7Page - Renesas Technology Corp MPC9824 Datasheet HTML 8Page - Renesas Technology Corp MPC9824 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MPC9824 Data Sheet
CLOCK GENERATOR FOR POWERQUICC AND POWERPC MICROPROCESSORS AND MICROCONTROLLERS
MPC9824 REVISION 2 3/16/16
3
©2016 Integrated Device Technology, Inc.
Figure 2. MPC9824 32-Lead LQFP Package Pinout (Top View)
Table 2. FSEL Function Table
FSEL0
FSEL1
FSEL2
VCO
Frequency
Output
Frequency
0
0
0
400
33.33 MHz
0
0
1
400
66.66 MHz
0
1
0
400
50 MHz
0
1
1
400
100 MHz
1
0
0
500
125 MHz
1
0
1
500
166.66 MHz
1
1
0
400
133.33 MHz
1
1
1
400
200 MHz
Table 3. Function Table
Control
0
1
SEL_XTAL
External Reference
Crystal Input
BYPASS
PLL Bypassed
Normal Operation
MR/OE
Normal
Reset
12
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
NC
GND
QREF0
VDD
QREF1
GND
QREF2
VDD
QA0
QA1
VDD
QA2
QA3
GND
QA4
QA5
MPC9824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com