Electronic Components Datasheet Search
  English  ▼

X  

MPC9824 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9824
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9824 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9824 Datasheet HTML 1Page - Renesas Technology Corp MPC9824 Datasheet HTML 2Page - Renesas Technology Corp MPC9824 Datasheet HTML 3Page - Renesas Technology Corp MPC9824 Datasheet HTML 4Page - Renesas Technology Corp MPC9824 Datasheet HTML 5Page - Renesas Technology Corp MPC9824 Datasheet HTML 6Page - Renesas Technology Corp MPC9824 Datasheet HTML 7Page - Renesas Technology Corp MPC9824 Datasheet HTML 8Page - Renesas Technology Corp MPC9824 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MPC9824 Data Sheet
CLOCK GENERATOR FOR POWERQUICC AND POWERPC MICROPROCESSORS AND MICROCONTROLLERS
MPC9824 REVISION 2 3/16/16
4
©2016 Integrated Device Technology, Inc.
MPC9824 OPERATION
Crystal Oscillator
The MPC9824 features a fully integrated Pierce oscillator
to minimize system implementation costs. The MPC9824
may be operated with a 25 MHz crystal without other compo-
nents. For operation without external components, the crystal
selection should be of a 25 MHz parallel resonant type with a
load specification of CL = 10 pF. See Table 4 for complete
crystal specifications.
If more precise frequency control is desired, the addition of
capacitors from each of the XTAL_IN and XTAL_OUT pins to
ground may be used to trim the frequency as shown in Figure
3. In this case the recommended crystal should have a CL =
18 pF.
In either case the crystal should be located as close to the
MPC9824 XTAL_IN and XTAL_OUT pins as possible to
minimize any board level parasitic capacitance.
Figure 3 Crystal with Trim Caps
*NOTE: These are recommended values and are subject to change due to specific crystal paramter and board layout. Refer to
ICS Application Notes for futher information on the crystal selection.
Power-Supply Bypassing
The MPC9824 should have all VDD pins bypassed with
0.01 µF capacitors and a minimum of one 1.0 µF capacitor for
the overall package. All capacitors should be located as close
to the package as possible.
An external RC filter from VDD to VDDA is recommended as
shown in Figure 4.
Figure 4. Power Supply Filter
Table 4. Crystal Specifications
Parameter
Value
Value (with trim caps)
Crystal Cut
Fundamental AT Cut
Fundamental AT Cut
Resonance
Parallel Resonance
Parallel Resonance
Shunt Capacitance (CO)
5–7 pF
5–7 pF
Load Capacitance (CL)
18 pF
18 pF
Equivalent Series Resistance (ESR)
20–50
20–50
VDDA
VDD
MPC9824
C1, C2 = 0.01...0.1 F
VDD
CF = 22 F
RF = 10-15 
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com