Electronic Components Datasheet Search
  English  ▼

X  

MPC9824 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # MPC9824
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9824 Datasheet(HTML) 5 Page - Renesas Technology Corp

  MPC9824 Datasheet HTML 1Page - Renesas Technology Corp MPC9824 Datasheet HTML 2Page - Renesas Technology Corp MPC9824 Datasheet HTML 3Page - Renesas Technology Corp MPC9824 Datasheet HTML 4Page - Renesas Technology Corp MPC9824 Datasheet HTML 5Page - Renesas Technology Corp MPC9824 Datasheet HTML 6Page - Renesas Technology Corp MPC9824 Datasheet HTML 7Page - Renesas Technology Corp MPC9824 Datasheet HTML 8Page - Renesas Technology Corp MPC9824 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MPC9824 Data Sheet
CLOCK GENERATOR FOR POWERQUICC AND POWERPC MICROPROCESSORS AND MICROCONTROLLERS
MPC9824 REVISION 2 3/16/16
5
©2016 Integrated Device Technology, Inc.
Table 5. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VDD
Supply Voltage
–0.3
3.8
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±75
mA
TS
Storage Temperature
–65
125
°C
Table 6. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VDD ÷ 2
V
MM
ESD Protection (Machine model)
200
V
HBM
ESD Protection (Human body model)
2000
V
LU
Latch-Up Immunity
200
mA
CIN
Input Capacitance
4
pF
Inputs
TC
Ambient Temperature
–40
85
°C
CPD
Power Dissipation Capacitance
10
pF
Per output
RPU, RPD Pull-up/Pull-down Resistance
75
K
Table 7. DC Characteristics (VDD = 3.3 V ± 5%, TA = –40°C to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage (xtal_in)
2.4
VDD + 0.3
V
Input threshold = VDD/2
VIH
Input High Voltage
2.0
VDD + 0.3
V
VIL
Input Low Voltage
0.8
V
LVCMOS
IIN
Input Current(1)
1. Inputs have pull-down or pull-down resistors affecting the input current.
±150
AV
IN = VDD or GND
VOH
Output High Voltage
2.4
V
IOH = –12 mA
VOL
Output Low Voltage
0.4
V
IOL = 12 mA
ZOUT
Output Impedance
14
IDD
Maximum Quiescent Supply Current
3.5
mA
VDD pins, output not
loaded
IDDA
Maximum Quiescent Supply Current
6.5
mA
VDDA pins, output not
loaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com