Electronic Components Datasheet Search
  English  ▼

X  

MPC9893 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC9893
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9893 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC9893 Datasheet HTML 2Page - Renesas Technology Corp MPC9893 Datasheet HTML 3Page - Renesas Technology Corp MPC9893 Datasheet HTML 4Page - Renesas Technology Corp MPC9893 Datasheet HTML 5Page - Renesas Technology Corp MPC9893 Datasheet HTML 6Page - Renesas Technology Corp MPC9893 Datasheet HTML 7Page - Renesas Technology Corp MPC9893 Datasheet HTML 8Page - Renesas Technology Corp MPC9893 Datasheet HTML 9Page - Renesas Technology Corp MPC9893 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MPC9893 REVISION 8 3/16/16
6
©2016 Integrated Device Technology, Inc.
MPC9893 Data Sheet
3.3V 1:12 LVCMOS PLL CLOCK GENERATOR
Table 8. AC Characteristics (VCC = 3.3 V ± 5% or VCC = 2.5 V ± 5%, TA = –40° to 85°C)
(1)
1. AC characteristics apply for parallel output termination of 50
 to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
FSEL=000x
FSEL=001x
FSEL=010x
FSEL=011x
FSEL=100x
FSEL=101x
FSEL=110x
FSEL=111x
15.0
30.0
40.0
30.0
60.0
15.0
30.0
60.0
25.0
50.0
66.6
50.0
100.0
12.5
50.0
100.0
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
PLL locked
fMAX
Maximum Output Frequency
FSEL=000x
FSEL=001x
FSEL=010x
FSEL=011x
FSEL=100x
FSEL=101x
FSEL=110x
FSEL=111x
60.0
60.0
60.0
30.0
60.0
7.5
15.0
30.0
200.0
200.0
200.0
100.0
200.0
25.0
50.0
100.0
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
PLL locked
frefDC
Reference Input Duty Cycle
40
60
%
tr, tf
CLK0, 1 Input Rise/Fall Time
1.0
ns
0.8 to 2.0 V
t()
Propagation Delay (static phase offset, CLKx to FB)
VCC=3.3 V5% and FSEL[0:2]=111
VCC=3.3 V5%
VCC=2.5 V5% and FSEL[0:2]=111
VCC=2.5 V5%
–60
–200
–125
–400
+50
+100
+25
+100
ps
ps
ps
ps
PLL locked
 t
Rate of Period Change (phase slew rate)
QAx outputs
QBx outputs (FSEL=xxx0)
QBx outputs (FSEL=xxx1)
150
150
300
ps/cycle
Failover switch
tsk(O)
Output-to-Output Skew(2)
(within bank)
(bank-to-bank)
(any output to QFB)
2. See application section for part-to-part skew calculation.
150
100
125
ps
ps
ps
DCO
Output Duty Cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.55 to 2.4 V
tPLZ, HZ
Output Disable Time
10
ns
tPZL, LZ
Output Enable Time
10
ns
tJIT(CC)
Cycle-to-Cycle Jitter(3)
FSEL3=0
FSEL3=1
3. Cycle-to-cycle and period jitter depend on the VCO frequency and output configuration. See the application section.
225
425
ps
ps
See applications
section
tJIT(PER)
Period Jitter(3)
FSEL3=0
FSEL3=1
150
250
ps
ps
See applications
section
tJIT()
I/O Phase Jitter(4)
FB=4: FSEL[0:2]=100 or 111
RMS (1
)
FB=6: FSEL[0:2]=010
RMS (1
)
FB=8: FSEL[0:2]=001, 011, or 110
RMS (1
)
FB=16: FSEL[0:2]=000 or 101
RMS (1
)
4. I/O jitter depends on the VCO frequency and internal PLL feedback divider FB. See APPLICATIONS INFORMATION for more information
and for the calculation for other confidence factors than 1

40
50
55
70
ps
ps
ps
ps
See applications
section
BW
PLL Closed Loop Bandwidth(5)
FSEL=111x
5. –3dB point of PLL transfer characteristics.
0.8-4.0
MHz
tLOCK
Maximum PLL Lock Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com