Electronic Components Datasheet Search
  English  ▼

X  

MPC9893 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # MPC9893
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9893 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button MPC9893 Datasheet HTML 5Page - Renesas Technology Corp MPC9893 Datasheet HTML 6Page - Renesas Technology Corp MPC9893 Datasheet HTML 7Page - Renesas Technology Corp MPC9893 Datasheet HTML 8Page - Renesas Technology Corp MPC9893 Datasheet HTML 9Page - Renesas Technology Corp MPC9893 Datasheet HTML 10Page - Renesas Technology Corp MPC9893 Datasheet HTML 11Page - Renesas Technology Corp MPC9893 Datasheet HTML 12Page - Renesas Technology Corp MPC9893 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MPC9893 REVISION 8 3/16/16
9
©2016 Integrated Device Technology, Inc.
MPC9893 Data Sheet
3.3V 1:12 LVCMOS PLL CLOCK GENERATOR
The I/O (Phase) jitter of the MPC9893 depends on the
internal VCO frequency and the PLL feedback divider
configuration. A high internal VCO frequency and a low PLL
feedback divider result in lower I/O jitter than the jitter limits in
the AC characteristics (Table 8). When calculating the part-
to-part skew, Table 10 should be used to determine the actual
VCO frequency, then use Figure 5 to determine the maximum
I/O jitter for the specific VCO frequency and divider
configuration. In above example calculation, the internal VCO
frequency of 400 MHz corresponds to a maximum I/O jitter of
30 ps (RMS).
Figure 5. Max. I/O Phase Jitter versus VCO Frequency
The cycle-to-cycle jitter and period jitter of the MPC9893
depend on the output configuration and on the frequency of
the internal VCO. Using the outputs of bank A and bank B at
the same frequency (FSEL3=0) results in a lower jitter than
the split output frequency configuration (FSEL3=1). The jitter
also decreases with an increasing internal VCO frequency.
Figure 5 to Figure 7 represent the maximum jitter of the
MPC9893.
Figure 6. Max. Cycle-to-Cycle Jitter versus
VCO Frequency
Figure 7. Max. Period Jitter versus VCO Frequency
Driving Transmission Lines
The MPC9893 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of less than 20
 the
drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines the reader is referred to Freescale Semiconductor
application note AN1091. In most high performance clock
networks point-to-point distribution of signals is the method of
choice. In a point-to-point scheme either series terminated or
parallel terminated transmission lines can be used. The
parallel technique terminates the signal at the end of the line
with a 50
 resistance to V
CC2.
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each
output of the MPC9893 clock driver. For the series terminated
case however there is no DC current draw, thus the outputs
can drive multiple series terminated lines. Figure 8 illustrates
an output driving a single series terminated line versus two
series terminated lines in parallel. When taken to its extreme
the fanout of the MPC9893 clock driver is effectively doubled
due to its capability to drive multiple lines.
Figure 8. Single versus Dual Transmission Lines
Table 10. Internal VCO Frequency fVCO
MPC9893
Configuration
fVCO
PLL Feedback
Divider FB
M1H, M12H, M2H, M22H
4 * fref
4
M3, M32
6 * fref
6
M1M, M12M, M2M, M22M,
M4, M42
8 * fref
8
M1L, M12L, M8, M82
16 * fref
16
I/O Phase Jitter versus Frequency
Parameter: PLL/Feedback Configuration
FB=16: FSEL[0:2]=000, 101
FB=8: FSEL[0:2]=001, 011, 110
FB=6: FSEL[0:2}=010
FB=4: FSEL[0:2]=100, 111
70
60
50
40
30
20
10
0
240
260
280
300
320
340
360
380
400
VCO frequency [MHz]
Cycle-to-Cycle Jitter versus Frequency
Parameter: Output Configuration
500
400
300
200
100
0
240
260
280
300
320
340
360
380
400
VCO frequency [MHz]
PSEL3=1
PSEL3=0
Period Jitter versus Frequency
Parameter: Output Configuration
PSEL=xxx1
PSEL=xxx0
300
250
200
150
100
50
0
240
260
280
300
320
340
360
380
400
VCO frequency [MHz]
14
In
MPC9893
Output
Buffer
RS = 36
ZO = 50
OutA
14
In
MPC9893
Output
Buffer
RS = 36
ZO = 50
OutB0
RS = 36
ZO = 50
OutB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com