Electronic Components Datasheet Search
  English  ▼

X  

BAT74S Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAT74S
Description  Dual Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT74S Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAT74S Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Nexperia
BAT74S
Dual Schottky barrier diode
BAT74S
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2012. All rights reserved
Product data sheet
22 November 2012
3 / 10
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb
ambient temperature
-55
125
°C
Tstg
storage temperature
-65
150
°C
Per device
series connection
-
60
V
VR
reverse voltage
-
30
V
IF
forward current
[1]
-
110
mA
IFRM
repetitive peak forward current tp ≤ 1 s; δ ≤ 0.5
-
200
mA
[1] If both diodes are in forward operation at the same moment, total device current is maximum 110 mA.
If one diode is in reverse and the other in forward operation at the same moment, total device current is
maximum 200 mA.
mbl889
0
100
200
300
Ptot
(mW)
150
75
0
Tamb (°C)
Fig. 1. Power derating curve
6. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
-
416
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com