Electronic Components Datasheet Search
  English  ▼

X  

BAT74S Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BAT74S
Description  Dual Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT74S Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BAT74S Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 10Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Nexperia
BAT74S
Dual Schottky barrier diode
BAT74S
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2012. All rights reserved
Product data sheet
22 November 2012
7 / 10
sot363_fw
solder lands
solder resist
occupied area
preferred transport
direction during soldering
5.3
1.3
1.3
1.5
0.3
1.5
4.5
2.45
2.5
Dimensions in mm
Fig. 8. Wave soldering footprint for TSSOP6 (SOT363)
11. Revision history
Table 8.
Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
BAT74S v.5
20121122
Product data sheet
-
BAT74S v.4
Modifications:
• The format of this document has been redesigned to comply with the new identity guidelines
of
NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Section 1 Product profile: updated
• Section 4 Marking: updated
• Table 5 Limiting values: changed Tamb minimum value to -55 °C according to AEC-Q101
• Figure 2 and 3: updated
• Section 8 Test information: added
• Figure 6: superseded by minimized package outline drawing
• Section 10 Soldering: added
• Section 11 Legal information: updated
BAT74S v.4
20030411
Product specification
-
BAT74S v.3
BAT74S v.3
19980710
Product specification
-
BAT74S v.2
BAT74S v.2
19980206
Product specification
-
BAT74S v.1
BAT74S v.1
19971107
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com