Electronic Components Datasheet Search
  English  ▼

X  

BAT74S Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAT74S
Description  Dual Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT74S Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAT74S Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAT74S
Dual Schottky barrier diode
22 November 2012
Product data sheet
1. Product profile
1.1 General description
Planar Schottky barrier dual diode with an integrated guard ring for stress protection.
Two electrically isolated Scho
ttky barrier diodes encapsulated in a very small SOT363
(SC-88) Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
• Low forward voltage
• Low capacitance
• AEC-Q101 qualified
1.3 Applications
• Ultra high-speed switching
• Line termination
• Voltage clamping
• Reverse polarity protection
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
30
V
Per diode
VF
forward voltage
IF = 100 mA; pulsed; tp = 300 µs;
δ = 0.02 ; Tamb = 25 °C
-
-
800
mV
IR
reverse current
VR = 25 V; pulsed; tp = 300 µs;
δ = 0.02 ; Tamb = 25 °C
-
-
2
µA


Similar Part No. - BAT74S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT74S PHILIPS-BAT74S Datasheet
51Kb / 12P
Schottky barrier double diode
1998 Jul 10
logo
Guangdong Kexin Industr...
BAT74S KEXIN-BAT74S Datasheet
39Kb / 2P
Schottky Barrier Double Diode
logo
NXP Semiconductors
BAT74S PHILIPS-BAT74S_03 Datasheet
57Kb / 8P
Schottky barrier double diode
2003 Apr 11
BAT74S PHILIPS-BAT74S_15 Datasheet
180Kb / 10P
Dual Schottky barrier diode
22 November 2012
More results

Similar Description - BAT74S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD352WT1 LRC-MMBD352WT1 Datasheet
48Kb / 2P
Dual Schottky Barrier Diode
logo
Advanced Semiconductor
5082-2271 ASI-5082-2271 Datasheet
18Kb / 1P
SCHOTTKY BARRIER DUAL DIODE
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
SCHOTTKY BARRIER DUAL DIODE
5082-2830 ASI-5082-2830 Datasheet
16Kb / 1P
SCHOTTKY BARRIER DUAL DIODE
logo
ON Semiconductor
MMBD352WT1 ONSEMI-MMBD352WT1_05 Datasheet
43Kb / 4P
Dual Schottky Barrier Diode
April, 2005 ??Rev. 3
logo
Seme LAB
SB30-45MSMD SEME-LAB-SB30-45MSMD Datasheet
24Kb / 2P
DUAL SCHOTTKY BARRIER DIODE
logo
NXP Semiconductors
1PS70SB14_15 PHILIPS-1PS70SB14_15_15 Datasheet
166Kb / 9P
Dual Schottky barrier diode
17 December 2012
1PS70SB15_15 PHILIPS-1PS70SB15_15_15 Datasheet
165Kb / 9P
Dual Schottky barrier diode
17 December 2012
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
Dual Schottky barrier diode
17 December 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com