Electronic Components Datasheet Search
  English  ▼

X  

ADF4002 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4002 Datasheet HTML 8Page - Analog Devices ADF4002 Datasheet HTML 9Page - Analog Devices ADF4002 Datasheet HTML 10Page - Analog Devices ADF4002 Datasheet HTML 11Page - Analog Devices ADF4002 Datasheet HTML 12Page - Analog Devices ADF4002 Datasheet HTML 13Page - Analog Devices ADF4002 Datasheet HTML 14Page - Analog Devices ADF4002 Datasheet HTML 15Page - Analog Devices ADF4002 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADF4002
Rev. 0 | Page 12 of 24
N COUNTER LATCH MAP
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0) C1 (1)
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
XX
X
X
X
X
DB21
DB22
DB23
G1
00
0
1
1
0
F4 (FUNCTION LATCH)
FASTLOCK ENABLE
11
XX
N13
N12
N11
N3
N2
N1
0
0
0
..........
0
0
0
0
0
0
..........
0
0
1
0
0
0
..........
0
1
0
0
0
0
..........
0
1
1
3
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
1
1
1
..........
1
0
0
8188
1
1
1
..........
1
0
1
8189
1
1
1
..........
1
1
0
8190
1
1
1
..........
1
1
1
8191
X = DON’T CARE
RESERVED
13-BIT N COUNTER
RESERVED
CONTROL
BITS
N COUNTER DIVIDE RATIO
NOT ALLOWED
1
2
THESE BITS ARE NOT USED
BY THE DEVICE AND ARE
DON'T CARE BITS.
OPERATION
CP GAIN
CHARGE PUMP CURRENT
SETTING 1 IS PERMANENTLY USED.
CHARGE PUMP CURRENT
SETTING 2 IS PERMANENTLY USED.
CHARGE PUMP CURRENT
SETTING 1 IS USED.
CHARGE PUMP CURRENT IS
SWITCHED TO SETTING 2. THE
TIME SPENT IN SETTING 2 IS
DEPENDENT ON WHICH FASTLOCK
MODE IS USED. SEE FUNCTION
LATCH DESCRIPTION.
THESE BITS ARE NOT USED
BY THE DEVICE AND ARE
DON'T CARE BITS.
Figure 18. N Counter Latch Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com