Electronic Components Datasheet Search
  English  ▼

X  

AFE7901IALK Datasheet(PDF) 9 Page - Texas Instruments

Part # AFE7901IALK
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901IALK Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE7901IALK Datasheet HTML 5Page - Texas Instruments AFE7901IALK Datasheet HTML 6Page - Texas Instruments AFE7901IALK Datasheet HTML 7Page - Texas Instruments AFE7901IALK Datasheet HTML 8Page - Texas Instruments AFE7901IALK Datasheet HTML 9Page - Texas Instruments AFE7901IALK Datasheet HTML 10Page - Texas Instruments AFE7901IALK Datasheet HTML 11Page - Texas Instruments AFE7901IALK Datasheet HTML 12Page - Texas Instruments AFE7901IALK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 160 page
background image
Table 6-1. Pin Functions (continued)
BALL NAME
BALL NUMBER
TYPE(1)
DESCRIPTION
VDD1P2FB
D14, D15, D16, E15, U14,
U15, U16, T15
—
1.2-V supply for FB ADCs.
VDD1P8FB
C15, C16, V15, V16
—
1.8-V supply for FB ADC.
VDD1P8FBCLK
A14, A17, Y17, Y14
—
1.8-V supply for FB ADC clock.
VDD1P2PLLCLKREF
K20, K18, L18
—
1.2-V supply for PLL.
VDDPLL1P2FBCML
L15
—
1.2-V supply for PLL clock distribution to FB ADC.
VDDPLL1P2RXCML
K15
—
1.2-V supply for clock distribution to RX ADC.
VDD1P8PLL
K16, L16
—
1.8-V supply for PLL.
VDD1P8PLLVCO
L20
—
1.8-V supply for PLL/VCO. This is a sensitive net and
requires extra care in layout.
VDD1P2RX
A10, A13, E11, E12, E13,
E14,F11, F12, F13, R11, R12,
R13, T11, T12, T13, T14,
Y10, Y13
—
1.2-V supply for RX ADCs.
VDD1P8RX
C9, C10, C11, D9, D10, D11,
E9, E10, F8, F9, F10, R8, R9,
R10, T9, T10, U9, U10, U11,
V9, V10, V11
—
1.8-V supply for RX ADCs.
VDD1P8RXCLK
A6, A9, Y6, Y9
—
1.8-V supply for RX ADC clocks.
VDD1P2TXENC
D17, U17
—
1.2-V supply for DAC encoder.
VDD1P2TXCLK
A20, D20, U20, Y20
—
1.2-V supply for DAC clock.
VDD1P8TX
E20, H20, N20, T20
—
1.8-V supply for DAC.
VDD1P8TXDAC
G17, H17, N17, P17
—
1.8-V supply for DAC.
VDD1P8GPIO
H6, N6
—
1.8-V supply for GPIO.
VDDA1P8
F3, F4, H3, H4, R3, R4, N3,
N4
—
SerDes analog 1.8-V power supply.
VDDT0P9
D3, D4, U3, U4
—
SerDes digital 0.9-V power supply.
GROUNDS
DGND
J5, J6, J7, J8, J9, J10, J11,
J12, M5, M6, M7, M8, M9,
M10, M11, M12
—
Digital core ground
VSSGPIO
H5, N5
—
GPIO ground.
VSSFB
B14, B15, B16, B17, C14,
V14, W14, W15, W16, W17
—
Ground for FB ADC supply.
VSSFBCLK
A18, B18, W18, Y18
—
Ground for FB ADC 1.8-V clock supply.
GND_ESD
D7, D8, J13, M13, U7, U8
—
Ground for ESD protection circuits.
VSSRX
B7, B8, B10, B11, B12, C12,
D12, B13, C13, D13, W7,
W8, W10, W11, W13, U12,
V12, W12, U13, V13
—
Ground for RX ADC.
VSSRXCLK
A5, B5, B6, B9, C7, C8, W5,
W6, W9, Y5, V7, V8
—
Ground for RX ADC clocks.
VSSTX
B19, C17, C18, C19, D18,
E18, E19, F17, F18, F19,
G18, G19, H18, H19, J20,
M20, N18, N19, P18, P19,
R17, R18, R19, T18, T19,
U18, V17, V18, V19, W19
—
Ground for TX DAC.
VSSTXENC
E16, E17, T16, T17
—
Ground for TX DAC encoder.
VSSTXCLK
A19, D19, U19, Y19
—
Ground for TX DAC clock.
VSSPLL
M19
—
Ground for PLL.
VSSPLLFBCML
J16, M16
—
Ground for FB ADC clock.
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com