Electronic Components Datasheet Search
  English  ▼

X  

AFE7901IALK Datasheet(PDF) 95 Page - Texas Instruments

Part # AFE7901IALK
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901IALK Datasheet(HTML) 95 Page - Texas Instruments

Back Button AFE7901IALK Datasheet HTML 91Page - Texas Instruments AFE7901IALK Datasheet HTML 92Page - Texas Instruments AFE7901IALK Datasheet HTML 93Page - Texas Instruments AFE7901IALK Datasheet HTML 94Page - Texas Instruments AFE7901IALK Datasheet HTML 95Page - Texas Instruments AFE7901IALK Datasheet HTML 96Page - Texas Instruments AFE7901IALK Datasheet HTML 97Page - Texas Instruments AFE7901IALK Datasheet HTML 98Page - Texas Instruments AFE7901IALK Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 160 page
background image
7.12.9 TX Typical Characteristics at 800 MHz (continued)
Typical values at TA = +25°C with nominal supplies. Unless otherwise noted, TX input data rate = 491.52 MSPS, fDAC =
11796.48 MSPS, interleave mode, AOUT = –1 dBFS, 1st Nyquist zone output, Internal PLL, fREF = 491.52 MSPS, 24x
Interpolation, DSA = 0 dB, Sin(x)/x enabled, DSA calibrated, TX Clock Dither Enabled
Tone Spacing (MHz)
0
40
80
120
160
200
240
280
320
360
400
-82
-81
-80
-79
-78
-77
-76
-75
-74
-73
-40qC
25qC
105qC
fDAC = 8847.36 MSPS, straight mode, fCENTER =0.85 GHz,
matching at 0.8 GHz, –13 dBFS each tone, worst channel
Figure 7-333. TX IMD3 vs Tone Spacing and Temperature at 0.85
GHz
Tone Spacing (MHz)
0
40
80
120
160
200
240
280
320
360
400
-83
-82
-81
-80
-79
-78
-77
-76
-75
-74
-73
-72
-40qC
25qC
105qC
fDAC = 11796.48 MSPS, straight mode, fCENTER =0.85 GHz,
matching at 0.8 GHz, –13 dBFS each tone, worst channel
Figure 7-334. TX IMD3 vs Tone Spacing and Temperature at 0.85
GHz
Pout/tone (dBFS)
-37
-34
-31
-28
-25
-22
-19
-16
-13
-10
-7
-100
-95
-90
-85
-80
-75
-70
-65
-60
1TX
2TX
3TX
4TX
fDAC = 5898.24 MSPS, straight mode, fCENTER = 0.85 GHz,
fSPACING = 20 MHz, matching at 0.8 GHz
Figure 7-335. TX IMD3 vs Digital Level at 0.85 GHz
Pout/tone (dBFS)
-37
-34
-31
-28
-25
-22
-19
-16
-13
-10
-7
-100
-95
-90
-85
-80
-75
-70
-65
-60
1TX
2TX
3TX
4TX
fDAC = 8847.36 MSPS, straight mode, fCENTER = 0.85 GHz,
fSPACING = 20 MHz, matching at 0.8 GHz
Figure 7-336. TX IMD3 vs Digital Level at 0.85 GHz
Pout/tone (dBFS)
-37
-34
-31
-28
-25
-22
-19
-16
-13
-10
-7
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
1TX
2TX
3TX
4TX
fDAC = 11796.48 MSPS, interleave mode, fCENTER = 0.85 GHz,
fSPACING = 20 MHz, matching at 0.8 GHz
Figure 7-337. TX IMD3 vs Digital Level at 0.85 GHz
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
-159
-158
-157
-156
-155
-154
-153
-152
-151
-150
Aout=-30dBFS
Aout=-20dBFS
Aout=-12dBFS
Aout=-6dBFS
Aout=-1dBFS
Matching at 0.8 GHz, Single tone, fDAC = 11.79648 GSPS,
interleave mode, 40-MHz offset, DSA = 0dB
Figure 7-338. TX Single Tone Output Noise vs Frequency and
Amplitude at 0.85 GHz
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com