Electronic Components Datasheet Search
  English  ▼

X  

AFE7901IALK Datasheet(PDF) 12 Page - Texas Instruments

Part # AFE7901IALK
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901IALK Datasheet(HTML) 12 Page - Texas Instruments

Back Button AFE7901IALK Datasheet HTML 8Page - Texas Instruments AFE7901IALK Datasheet HTML 9Page - Texas Instruments AFE7901IALK Datasheet HTML 10Page - Texas Instruments AFE7901IALK Datasheet HTML 11Page - Texas Instruments AFE7901IALK Datasheet HTML 12Page - Texas Instruments AFE7901IALK Datasheet HTML 13Page - Texas Instruments AFE7901IALK Datasheet HTML 14Page - Texas Instruments AFE7901IALK Datasheet HTML 15Page - Texas Instruments AFE7901IALK Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 160 page
background image
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
DVDD0P9, VDDT0P9
Supply voltage 0.9V
0.9
0.925
0.95
V
VDD1P2{RX/TXCLK/TXENC/FB/PLL/
PLLCLKREF/FBCML/RXCML}
Supply voltage 1.2V
1.15
1.2
1.25
V
VDD1P8{RX/RXCLK/TX/TXDAC/
TXENC/PLL/PLLVCO/FB/FBCLK/
GPIO}, VDDA1P8
Supply voltage 1.8V
1.75
1.8
1.85
V
TA
Ambient temperature
–40
85
°C
TJ
Operating Junction Temperature
110(1)
°C
Maximum Operating Junction Temperature
125
°C
(1)
Prolonged use at or above this junction temperature can increase the device failure-in-time (FIT) rate. Refer to SBAA403 application
note for additional details
7.4 Thermal Information AFE79xx
THERMAL METRIC(1)
17mmx17mm FC-BGA
UNIT
400 PINS
RθJA
Junction-to-ambient thermal resistance
16.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.42
°C/W
RθJB
Junction-to-board thermal resistance
4.85
°C/W
ΨJT
Junction-to-top characterization parameter
0.12
°C/W
ΨJB
Junction-to-board characterization parameter
4.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
AFE7901
SBASAO5 – APRIL 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com