Electronic Components Datasheet Search
  English  ▼

X  

LM2901AV Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901AV
Description  LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2901AV Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2901AV Datasheet HTML 3Page - Texas Instruments LM2901AV Datasheet HTML 4Page - Texas Instruments LM2901AV Datasheet HTML 5Page - Texas Instruments LM2901AV Datasheet HTML 6Page - Texas Instruments LM2901AV Datasheet HTML 7Page - Texas Instruments LM2901AV Datasheet HTML 8Page - Texas Instruments LM2901AV Datasheet HTML 9Page - Texas Instruments LM2901AV Datasheet HTML 10Page - Texas Instruments LM2901AV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
6.7 Thermal Information for LM2901B-Q1
THERMAL METRIC(1)
LM2901B-Q1
UNIT
D
(SOIC)
PW
(TSSOP)
DDY
(SOT-23)
RTE
(QFN)
RUC
(X2QFN)
14 PINS
14 PINS
14 PINS
16 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
111.2
136.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
66.9
66.6
RθJB
Junction-to-board thermal resistance
67.8
79.8
ψJT
Junction-to-top characterization parameter
28.0
17.8
ψJB
Junction-to-board characterization parameter
67.4
79.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
-
-
-
-
(1)
For more information about traditional and new thermal metrics, see the Semicondctor and IC Package Thermal Metrics report,
SPRA953.
6.8 Thermal Information for LM2901x-Q1
THERMAL METRIC(1)
LM2901x-Q1
UNIT
D
(SOIC)
PW
(TSSOP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance(2)
88.6
119.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49.1
47.9
°C/W
RθJB
Junction-to-board thermal resistance
43.0
60.9
°C/W
ψJT
Junction-to-top characterization parameter
13.6
5.4
°C/W
ψJB
Junction-to-board characterization parameter
42.7
60.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semicondctor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA) / RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
www.ti.com
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1, LM2901B-Q1
SLCS142G – DECEMBER 2003 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM2901-Q1 LM2901V-Q1 LM2901AV-Q1 LM2901B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com