Electronic Components Datasheet Search
  English  ▼

X  

LM2901AV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901AV
Description  LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2901AV Datasheet(HTML) 1 Page - Texas Instruments

  LM2901AV Datasheet HTML 1Page - Texas Instruments LM2901AV Datasheet HTML 2Page - Texas Instruments LM2901AV Datasheet HTML 3Page - Texas Instruments LM2901AV Datasheet HTML 4Page - Texas Instruments LM2901AV Datasheet HTML 5Page - Texas Instruments LM2901AV Datasheet HTML 6Page - Texas Instruments LM2901AV Datasheet HTML 7Page - Texas Instruments LM2901AV Datasheet HTML 8Page - Texas Instruments LM2901AV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
1 Features
• Qualified for automotive applications
• AEC-Q100 Qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification levels:
• Class 1C for "AV" version
• Class 2 for all other versions
– Device CDM ESD classification level C3
• Improved 2 kV HBM ESD for "B" device
• Single supply or dual supplies
• Low supply-current independent of
supply voltage 200 uA typical per
comparator ("B" Versions)
• Low input bias current 3.5 nA typical ("B" device)
• Low input offset current 0.5 nA typ ("B" device)
• Low input offset voltage ±0.37 mV typ ("B" device)
• Common-mode input voltage range includes
ground
• Differential input voltage range equal to maximum-
rated supply voltage ±36 V
• Output compatible with TTL, MOS, and CMOS
• For single version in SOT, see the TL331-Q1
(SLVS969)
• For dual version in multiple packages, see the
LM2903x-Q1 (SLCS141)
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
2 Applications
• Automotive
– HEV/EV and power train
– Infotainment and cluster
– Body control module
• Industrial
• Appliances
3 Description
The LM2901B-Q1 device is the next generation
version
of
the
industry-standard
LM2901x-Q1
comparator family. This next generation family
provides
outstanding
value
for
cost-sensitive
applications, with features including lower offset
voltage, higher supply voltage capability, lower supply
current, lower input bias current, lower propagation
delay, and improved 2kV ESD performance with drop-
in replacement convenience.
All devices consist of four independent voltage
comparators that are designed to operate over a wide
range of voltages. Operation from dual supplies also
is possible as long as the difference between the two
supplies is within 2 V to 36 V, and VCC is at least 1.5
V more positive than the input common-mode voltage.
The outputs can be connected to other open-collector
outputs.
The "V" versions operate up to 32V, and the "B"
version operates up to 36V. All are qualified for the
AEC-Q100 Grade 1 temperature range of -40°C to
+125°C.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
LM2901B-Q1
LM2901-Q1
LM2901A-Q1
LM2901AV-Q1
TSSOP (14)
4.40 mm × 5.00 mm
SOIC (14)
3.91 mm × 8.65 mm
LM2901B-Q1 (Preview)
SOT-23 (14)
4.20 mm x 2.00 mm
X2QFN (14)
2.00 mm × 2.00 mm
WQFN (16)
3.00 mm x 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Family Comparison Table
Specification
LM2901B-Q1
LM2901-Q1
LM2901V-Q1
LM2901AV-Q1
Units
Supply Voltage
2 to 36
2 to 30
2 to 32
2 to 32
V
Total Supply Current (5 V to 36 V maximum)
0.6 to 0.8
1 to 2.5
1 to 2.5
1 to 2.5
mA
Temperature Range
−40 to 125
−40 to 125
−40 to 125
−40 to 125
°C
ESD (HBM)
2000
2000
2000
1000
V
Offset Voltage (maximum overtemp)
± 5.5
± 15
± 15
± 4
mV
Input Bias Current (typical / maximum)
3.5 / 25
25 / 250
25 / 250
25 / 250
nA
Response Time (typical)
1
1.3
1.3
1.3
µsec
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1, LM2901B-Q1
SLCS142G – DECEMBER 2003 – REVISED MARCH 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - LM2901AV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901AV TI-LM2901AV Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LM2901AV TI-LM2901AV Datasheet
743Kb / 25P
QUAD DIFFERENTIAL COMPARATORS
LM2901AV TI-LM2901AV Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM2901AV TI1-LM2901AV Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
LM2901AV TI1-LM2901AV Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
More results

Similar Description - LM2901AV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901-Q1 TI1-LM2901-Q1_16 Datasheet
930Kb / 20P
LM2901x-Q1 Quadruple Differential Comparator
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1 Datasheet
2Mb / 58P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V01 Datasheet
2Mb / 59P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V02 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V05 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com