Electronic Components Datasheet Search
  English  ▼

X  

LM2901AV Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901AV
Description  LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2901AV Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2901AV Datasheet HTML 13Page - Texas Instruments LM2901AV Datasheet HTML 14Page - Texas Instruments LM2901AV Datasheet HTML 15Page - Texas Instruments LM2901AV Datasheet HTML 16Page - Texas Instruments LM2901AV Datasheet HTML 17Page - Texas Instruments LM2901AV Datasheet HTML 18Page - Texas Instruments LM2901AV Datasheet HTML 19Page - Texas Instruments LM2901AV Datasheet HTML 20Page - Texas Instruments LM2901AV Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
7 Detailed Description
7.1 Overview
The LM2901-Q1 family is a quad comparator with the ability to operate up to 36 V on the supply pin. This
standard device has proven ubiquity and versatility across a wide range of applications. This is due to it's very
wide supply voltages range (2 V to 36 V), low Iq and fast response.
This device is AEC-Q100 qualified and can operate over a wide temperature range of –40°C to 125°C .
The open-drain output allows the user to configure the output's logic low voltage (VOL) and can be utilized to
enable the comparator to be used in AND functionality.
The "B" versions add dedicated ESD protections on all the pins for improved ESD performance as well as
improved negative input voltage handling. Please see Application Note SNOAA35 for more information
7.2 Functional Block Diagram
GND
IN–
IN+
10 µA
OUT
VCC
60 µA
80-µA
Current
Regulator
10 µA
80-µA
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
LM2901-Q1 family consists of a PNP Darlington pair input, allowing the device to operate with very high gain
and fast response with minimal input bias current. The input Darlington pair creates a limit on the input common
mode voltage capability, allowing LM2901-Q1 to accurately function from ground to VCC–1.5V differential input.
This is enables much head room for modern day supplies of 3.3 V and 5.0 V.
The output consists of an open drain NPN (pull-down or low side) transistor. The output NPN will sink current
when the negative input voltage is higher than the positive input voltage and the offset voltage. The VOL is
resistive and will scale with the output current. Please see Figure 6-19, Figure 6-20 and Figure 6-21 for VOL
values with respect to the output current.
The special pinout of this device separates input pins from the output pins to reduce parasitic coupling between
input and output.
7.4 Device Functional Modes
7.4.1 Voltage Comparison
The LM2901-Q1 family of devices operates solely as a voltage comparator, comparing the differential voltage
between the positive and negative pins and outputs a logic low or high impedance (logic high with pullup) based
on the input differential polarity.
www.ti.com
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1, LM2901B-Q1
SLCS142G – DECEMBER 2003 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM2901-Q1 LM2901V-Q1 LM2901AV-Q1 LM2901B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com