Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA296A Datasheet HTML 30Page - Texas Instruments INA296A Datasheet HTML 31Page - Texas Instruments INA296A Datasheet HTML 32Page - Texas Instruments INA296A Datasheet HTML 33Page - Texas Instruments INA296A Datasheet HTML 34Page - Texas Instruments INA296A Datasheet HTML 35Page - Texas Instruments INA296A Datasheet HTML 36Page - Texas Instruments INA296A Datasheet HTML 37Page - Texas Instruments INA296A Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
27-Apr-2023
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
INA296A1QDDFRQ1
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
INA296A2QDDFRQ1
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
INA296A3QDDFRQ1
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
INA296A4QDDFRQ1
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
INA296A5QDDFRQ1
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
INA296B1QDDFRQ1
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
INA296B2QDDFRQ1
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
INA296B3QDDFRQ1
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
INA296B4QDDFRQ1
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
INA296B5QDDFRQ1
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com