Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA296A Datasheet HTML 13Page - Texas Instruments INA296A Datasheet HTML 14Page - Texas Instruments INA296A Datasheet HTML 15Page - Texas Instruments INA296A Datasheet HTML 16Page - Texas Instruments INA296A Datasheet HTML 17Page - Texas Instruments INA296A Datasheet HTML 18Page - Texas Instruments INA296A Datasheet HTML 19Page - Texas Instruments INA296A Datasheet HTML 20Page - Texas Instruments INA296A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
8.4.2.1 Ground Referenced Output
When using the INA296x-Q1 in a unidirectional mode with a ground referenced output, both reference inputs are
connected to ground. This configuration takes the output to ground when there is a 0 V differential at the input
(see Figure 8-2).
+
±
REF2
REF1
VS
GND
OUT
VS
IN+
IN±
Figure 8-2. Ground Referenced Output
8.4.2.2 VS Referenced Output
Unidirectional mode with a VS referenced output is configured by connecting both reference pins to the positive
supply. Use this configuration for circuits that require power up and stabilization of the amplifier output signal and
other control circuitry before power is applied to the load (see Figure 8-3).
+
±
REF2
REF1
VS
GND
OUT
VS
IN+
IN±
Figure 8-3. VS Referenced Output
8.4.3 Reference Pin Connections for Bidirectional Current Measurements
The INA296x-Q1 measures the differential voltage developed by current flowing through a resistor, commonly
referred to as a current-sensing resistor or a current-shunt resistor. The INA296x-Q1 can operate in either a
unidirectional or bidirectional mode based on the voltage potential placed on the reference pins.
The linear range of the output stage is limited to how close the output voltage can approach ground as well the
supply voltage as described in the Specifications. The selection of the current-sensing resistor along with the
current range to be measured, selection of the gain option, as well as the voltage applied to the reference pins
should be chosen to keep the INA296x-Q1 within the linear region of operation.
8.4.3.1 Output Set to External Reference Voltage
Connecting both pins together and then to a reference voltage results in an output voltage equal to the reference
voltage for the condition of shorted input pins or a 0 V differential input. Figure 8-4 shows this configuration. The
www.ti.com
INA296A-Q1, INA296B-Q1
SBOSA32 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA296A-Q1 INA296B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com