Electronic Components Datasheet Search
  English  ▼

X  

AND8020D Datasheet(PDF) 10 Page - Analog Devices

Part # AND8020D
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020D Datasheet(HTML) 10 Page - Analog Devices

Back Button AND8020D Datasheet HTML 6Page - Analog Devices AND8020D Datasheet HTML 7Page - Analog Devices AND8020D Datasheet HTML 8Page - Analog Devices AND8020D Datasheet HTML 9Page - Analog Devices AND8020D Datasheet HTML 10Page - Analog Devices AND8020D Datasheet HTML 11Page - Analog Devices AND8020D Datasheet HTML 12Page - Analog Devices AND8020D Datasheet HTML 13Page - Analog Devices AND8020D Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AND8020/D
http://onsemi.com
10
Because the resistor divider network of R1 and R2 is used
to generate VTT, the variation in VTT will be intimately tied
to the variation in VCC. Differentiating the equation for VTT
with respect to VCC yields:
DVTT
DVCC
+
R2
(R1
) R2 )
DVCC
(eq. 24)
For the nominal case, this equation reduces to:
DVTT + 0.6 DVCC
(eq. 25)
If
DVCC = $5% = $0.25 V, then DVTT = $0.15 V.
As mentioned previously, the real potential for problems
will be if the VOL level can potentially put the output emitter
follower out of the active operating region and into cutoff.
Because of the relationship between the VCC and VTT levels,
the only cutoff risk condition occurs at VCCmin, the lowest
value of VCC. Applying the equation for IOLmin under this
−5% VCC condition yields:
IOLmin +
(VOLmin * VTT )
Rt
(eq. 26)
IOLmin +
(4.75
* 1.85) * 2.85
50
+ 1.0 mA (eq. 27)
The results of this cutoff risk analysis show there is no
potential for the output emitter follower to be in cutoff. This
would indicate a Thevenin equivalent termination scheme is
more robust to variation in VCC. Since the designer has the
flexibility of choosing the VTT level via the selection of the
R1 and R2 resistors, the following procedure can be used.
At −5% minimal variation case for VCC:
VCC = 4.75 V
VTT = VCC − 2.0 V = 2.75 V
R2 = 119
W
R1 = 86
W
Thus:
IOHmax = 23 mA
IOLmin = 3.0 mA
At +5% minimal variation case for VCC:
VCC = 5.25 V
VTT = 3.05 V
Thus:
IOHmax = 28 mA
IOLmin = 5.2 mA
Although the output currents are slightly higher than
nominal, the elimination of emitter follower cutoff risk is
well justified.
When the equivalent termination resistance matches the
line impedance, no reflection occurs because all the energy
in the signal is dissipated by the termination. Hence, in
comparing properly terminated schemes parallel and
Thevenin, a primary consideration is the power supply
requirements. As mentioned earlier, the parallel VTT scheme
requires an extra power supply; however, the Thevenin
termination
dissipates
10
times
more
DC
power.
Fortunately, this extra power dissipation cannot be seen on
the die; therefore, either technique results in similar die
junction temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com