Electronic Components Datasheet Search
  English  ▼

X  

X40410 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X40410
Description  4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40410 Datasheet(HTML) 4 Page - Renesas Technology Corp

  X40410 Datasheet HTML 1Page - Renesas Technology Corp X40410 Datasheet HTML 2Page - Renesas Technology Corp X40410 Datasheet HTML 3Page - Renesas Technology Corp X40410 Datasheet HTML 4Page - Renesas Technology Corp X40410 Datasheet HTML 5Page - Renesas Technology Corp X40410 Datasheet HTML 6Page - Renesas Technology Corp X40410 Datasheet HTML 7Page - Renesas Technology Corp X40410 Datasheet HTML 8Page - Renesas Technology Corp X40410 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
X40410, X40411, X40414, X40415
FN8116 Rev 0.00
Page 4 of 24
March 28, 2005
Figure 2. VTRIPX Set/Reset Conditions
WATCHDOG TIMER
The Watchdog Timer circuit monitors the microprocessor
activity by monitoring the SDA and SCL pins. The micro-
processor must toggle the SDA pin HIGH to LOW periodi-
cally, while SCL also toggles from HIGH to LOW (this is a
start bit) followed by a stop condition prior to the expiration
of the watchdog time out period to prevent a WDO signal
going active. The state of two nonvolatile control bits in the
Status Register determines the watchdog timer period. The
microprocessor can change these watchdog bits by writing
to the X40410/11/14/15 control register (also refer to page
19).
Figure 3. Watchdog Restart
V1 AND V2 THRESHOLD PROGRAM PROCEDURE
(OPTIONAL)
The X40410/11/14/15is shipped with standard V1 and
V2 threshold (VTRIP1, VTRIP2) voltages. These values will
not change over normal operating and storage condi-
tions. However, in applications where the standard
thresholds are not exactly right, or if higher precision is
needed in the threshold value, the X40410/11/14/15 trip
points may be adjusted. The procedure is described
below, and uses the application of a high voltage control
signal.
Setting a VTRIPx Voltage (x = 1, 2)
There are two procedures used to set the threshold volt-
ages (VTRIPx), depending if the threshold voltage to be
stored is higher or lower than the present value. For
example, if the present VTRIPx is 2.9 V and the new
VTRIPx is 3.2 V, the new voltage can be stored directly
into the VTRIPx cell. If however, the new setting is to be
lower than the present setting, then it is necessary to
“reset” the VTRIPx voltage before setting the new value.
Setting a Higher VTRIPx Voltage (x = 1, 2)
To set a VTRIPx threshold to a new voltage which is
higher than the present threshold, the user must apply
the desired VTRIPx threshold voltage to the corre-
sponding input pin Vcc(V1MON), or V2MON. The
Vcc(V1MON) and V2MON must be tied together during
this sequence. Then, a programming voltage (Vp) must
be applied to the WDO pin before a START condition is
set up on SDA. Next, issue on the SDA pin the Slave
Address A0h, followed by the Byte Address 01h for
VTRIP1 and 09h for VTRIP2, and a 00h Data Byte in order
to program VTRIPx. The STOP bit following a valid write
operation initiates the programming sequence. Pin WDO
must then be brought LOW to complete the operation.
Note:
This operation does not corrupt the memory array.
Setting a Lower VTRIPx Voltage (x = 1, 2)
In order to set VTRIPx to a lower voltage than the present
value, then VTRIPx must first be “reset” according to the
procedure described below. Once VTRIPx has been
“reset”, then VTRIPx can be set to the desired voltage
using the procedure described in “Setting a Higher
VTRIPx Voltage”.
VCC/V2MON
VTRIPX
VP
tWC
A0h
0
7
70
7
0
SCL
WDO
SDA
(X = 1, 2)
00h
SCL
SDA
.6µs
1.3µs
Timer Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com